전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFX39V0717 데이터시트 (PDF) - Mitsubishi Electric Semiconductor

MGFX39V0717 Datasheet PDF - Mitsubishi Electric Semiconductor
부품명 MGFX39V0717
다운로드  MGFX39V0717 다운로드
파일 크기   92.97 Kbytes
페이지   2 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET

MGFX39V0717 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MGFX39V0717 Datasheet PDF - Mitsubishi Electric Semiconductor

부품명 MGFX39V0717
다운로드  MGFX39V0717 Click to download

파일 크기   92.97 Kbytes
페이지   2 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET

MGFX39V0717 데이터시트 (HTML) - Mitsubishi Electric Semiconductor


MGFX39V0717 제품 세부 정보

DESCRIPTION
The MGFX39V0717 is an internally impedance-matched GaAs power FET especially designed for use in 10.7 ~ 11.7 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high reliability.

FEATURES
● Internally impedance matched
● High output power
   P1dB = 8 W (TYP.) @ f = 10.7 ~ 11.7GHz
● High linear power gain
   GLP = 7.0 dB (TYP.) @ f = 10.7 ~ 11.7GHz
● High power added efficiency
   ηadd = 26% (TYP.) @ f = 10.7 ~ 11.7GHz

APPLICATION
   For use in 10.7 ~ 11.7 GHz band power amplifiers




유사한 부품 번호 - MGFX39V0717

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
132Kb / 3P
10.7-11.7 GHz BAND / 8W
MGFX39V0717 MITSUBISHI-MGFX39V0717_11 Datasheet
132Kb / 3P
10.7-11.7 GHz BAND / 8W
More results


유사한 설명 - MGFX39V0717

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL45V1920 MITSUBISHI-MGFL45V1920 Datasheet
301Kb / 3P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2123 MITSUBISHI-MGFS45V2123 Datasheet
25Kb / 2P
2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325 MITSUBISHI-MGFS45V2325 Datasheet
27Kb / 2P
2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
48Kb / 1P
2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFX36V0717 MITSUBISHI-MGFX36V0717 Datasheet
94Kb / 2P
10.7 - 11.7GHz BAND 4W INTERNALLY MATCHD GaAs FET
logo
Excelics Semiconductor,...
EIB1011-2P EXCELICS-EIB1011-2P Datasheet
46Kb / 1P
10.7-11.7GHz, 2W Internally Matched Power FET
EIB1011-4P EXCELICS-EIB1011-4P Datasheet
46Kb / 1P
10.7-11.7GHz, 4W Internally Matched Power FET
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com