전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC00680912 데이터시트 (PDF) - Skyworks Solutions Inc.

SC00680912 Datasheet PDF - Skyworks Solutions Inc.
부품명 SC00680912
다운로드  SC00680912 다운로드

파일 크기   161.87 Kbytes
페이지   5 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 MIS Chip Capacitors

SC00680912 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SC00680912 Datasheet PDF - Skyworks Solutions Inc.

부품명 SC00680912
다운로드  SC00680912 Click to download

파일 크기   161.87 Kbytes
페이지   5 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 MIS Chip Capacitors

SC00680912 데이터시트 (HTML) - Skyworks Solutions Inc.


SC00680912 제품 세부 정보

Features
• Readily available from stock
• High reliability silicon oxide-nitride dielectric
• Low loss: typically 0.04 dB in a 50 Ω system
• Operation through 26 GHz
• Wide temperature operation

Description
Skyworks Metal Insulator Silicon (MIS) chip capacitors are available in a wide range of sizes and capacitance values. The devices have a dielectric composed of thermally grown silicon dioxide over which a layer of silicon nitride is deposited. This dielectric has a low temperature coefficient of capacitance and very high insulation resistance. The MIS chip capacitors also exhibit excellent long-term stability, which makes them suitable for high-reliability applications. The capacitors have a high dielectric breakdown, which permits the use of thin dielectrics resulting in large capacitance per unit area. The temperature coefficient is less than 50 ppm/°C, allowing the capacitors to operate from –65 °C up to 200 °C. Compared to ceramic capacitors, Skyworks MIS chip capacitors offer higher Q and an insertion loss of 0.04 dB in a 50 Ω system. Insulation resistance is greater than 105 MΩ. To accommodate high volume, automated assembly methods, wafers can be supplied on expanded film frames. To reduce cost, chips can be supplied packaged in vials with sample testing only. Packaging in waffle packs with 100 percent electrical testing and visual inspection is also available.




유사한 부품 번호 - SC00680912

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SC00680912 SKYWORKS-SC00680912 Datasheet
65Kb / 3P
   MIS Chip Capacitors
More results


유사한 설명 - SC00680912

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
   MIS Chip Capacitors
logo
List of Unclassifed Man...
SC9017-000 ETC1-SC9017-000 Datasheet
53Kb / 2P
   FET Chip Mounting Capacitors (MIS)
logo
Japan Aviation Electron...
KN06-KEY JAE-KN06-KEY Datasheet
70Kb / 3P
   CONN RECTANGULAR MIS-MATING PREV
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
   MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
Lorlin Electronics Ltd.
MIS LORLIN-MIS Datasheet
301Kb / 2P
   MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
logo
Hirose Electric
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
   MIS non time-delay pin indicating supplemental fuses
logo
Eaton All Rights Reserv...
KAZ EATON-KAZ Datasheet
292Kb / 2P
   KAZ and MIS 13??2? x 2? 600Vac KAZ actuator and MIS non time-delay pin indicating supplemental fuses
logo
NTE Electronics
NTE1073 NTE-NTE1073 Datasheet
81Kb / 1P
   Integrated Circuit AM−RF Amplifier, Mis, OSC FM−IF Amplifier
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com