전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD105-B1-02EL 데이터시트 (PDF) - TECH PUBLIC Electronics co LTD

ESD105-B1-02EL Datasheet PDF - TECH PUBLIC Electronics co LTD
부품명 ESD105-B1-02EL
다운로드  ESD105-B1-02EL 다운로드
파일 크기   2214.6 Kbytes
페이지   4 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 Low Capacitance Bi-directional ESD DIODE

ESD105-B1-02EL Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ESD105-B1-02EL Datasheet PDF - TECH PUBLIC Electronics co LTD

부품명 ESD105-B1-02EL
다운로드  ESD105-B1-02EL Click to download

파일 크기   2214.6 Kbytes
페이지   4 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 Low Capacitance Bi-directional ESD DIODE

ESD105-B1-02EL 데이터시트 (HTML) - TECH PUBLIC Electronics co LTD


ESD105-B1-02EL 제품 세부 정보

Features |
o Low operating voltage: 5V
o Ultra low capacitance: 0.3pF (Typ)
« Ultra low leakage: nA level
o Low clamping voltage
IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: +30kV/
~IEC61000-4-4 (EFT) 40A (5/505) |
—~IEC61000-4-5 (Lightning) 5.5A (8/20ps) |

o 2-pin leadless package
« These are Pb-Free Devices |
« Response Time is Typically < 1 ns




유사한 부품 번호 - ESD105-B1-02EL

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
ESD105-B1-02EL INFINEON-ESD105-B1-02EL Datasheet
719Kb / 17P
Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
ESD105-B1-02EL INFINEON-ESD105-B1-02EL Datasheet
719Kb / 17P
TVS Diodes Transient Voltage Suppressor Diodes
Revision 1.0, 2013-12-12
logo
Shanghai Leiditech Elec...
ESD105-B1-02EL LEIDITECH-ESD105-B1-02EL Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Infineon Technologies A...
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
TVS Diodes Transient Voltage Suppressor Diodes
Revision 1.0, 2013-12-12
More results


유사한 설명 - ESD105-B1-02EL

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
SESOTA05BC WILLAS-SESOTA05BC Datasheet
352Kb / 4P
Low capacitance bi-directional double ESD protection diode
logo
SeCoS Halbleitertechnol...
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com