전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB503020A 데이터시트 (PDF) - Europa PLC

STB503020A Datasheet PDF - Europa PLC
부품명 STB503020A
다운로드  STB503020A 다운로드
파일 크기   354.91 Kbytes
페이지   2 Pages
제조업체  EUROPA [Europa PLC]
홈페이지  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
상세설명 Epoxy Coated Steel Enclosures

STB503020A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
STB503020A Datasheet PDF - Europa PLC

부품명 STB503020A
다운로드  STB503020A Click to download

파일 크기   354.91 Kbytes
페이지   2 Pages
제조업체  EUROPA [Europa PLC]
홈페이지  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
상세설명 Epoxy Coated Steel Enclosures

STB503020A 데이터시트 (HTML) - Europa PLC


STB503020A 제품 세부 정보

• Earth Studs Included
• IP66 to EN 60529
• Top & Bottom Gland Plates
• Fixing Brackets Available (STBRACKET)
• Galvanised Back Plate Included
• Epoxy Powder Coated RAL7035
• Body and door manufactured in 1.2 - 1.5mm sheet steel
• Gland plate manufactured in 2.0 - 2.5mm sheet steel
• Not recommended for outdoor applications




유사한 부품 번호 - STB503020A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB50N25M5 STMICROELECTRONICS-STB50N25M5 Datasheet
903Kb / 14P
N-channel 250 V, 0.065 廓, 28 A, MDmesh V Power MOSFET in DPAK package
STB50NE08 STMICROELECTRONICS-STB50NE08 Datasheet
95Kb / 8P
N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
412Kb / 13P
N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
More results


유사한 설명 - STB503020A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
EPOXY COATED THERMISTOR
logo
ECM Electronics Limited...
EC22 ECM-EC22 Datasheet
101Kb / 6P
Epoxy Coated Axial Chokes
logo
Vishay Siliconix
IR-2 VISHAY-IR-2 Datasheet
175Kb / 4P
Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 31-Jan-06
IRF-1 VISHAY-IRF-1 Datasheet
74Kb / 3P
Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 07-Aug-07
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
logo
List of Unclassifed Man...
BU-X15400-0 ETC2-BU-X15400-0 Datasheet
49Kb / 1P
Epoxy Coated Battery Clip
logo
Abracon Corporation
AIAP-01-102 ABRACON-AIAP-01-102 Datasheet
1Mb / 3P
Epoxy Coated Power Inductor
03.05.13
logo
Amphenol Corporation
NDL102C2R1 AMPHENOL-NDL102C2R1 Datasheet
73Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NDP102C2R1 AMPHENOL-NDP102C2R1 Datasheet
72Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com