전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2W06G 데이터시트 (PDF) - Galaxy Semi-Conductor Holdings Limited

2W06G Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
부품명 2W06G
다운로드  2W06G 다운로드

파일 크기   77.55 Kbytes
페이지   2 Pages
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
상세설명 SILICON BRIDGE RECTIFIERS

2W06G Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
2W06G Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

부품명 2W06G
다운로드  2W06G Click to download

파일 크기   77.55 Kbytes
페이지   2 Pages
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
상세설명 SILICON BRIDGE RECTIFIERS

2W06G 데이터시트 (HTML) - Galaxy Semi-Conductor Holdings Limited

2W06G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2W06G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

2W06G 제품 세부 정보

VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 2.0 A

FEATURES
◇ Rating to 1000V PRV
◇ Surge overload rating to 50 Amperes peak
◇ Ideal for printed circuit board
◇ Reliable low cost construction utilizing molded plastic technique results in inexpensive product
◇ Lead solderable per MIL-STD-202 method 208
◇ Plastic material has UL flammability classification 94V-O
◇ Glass passivated chip junctions
◇ Weight: 0.050 ounces,1.42 grams




유사한 부품 번호 - 2W06G

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
2W06G ZOWIE-2W06G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W06G MIC-2W06G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W06G SECOS-2W06G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
2W06G FAIRCHILD-2W06G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results


유사한 설명 - 2W06G

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com