전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC20-12S33 데이터시트 (PDF) - Power Mate Technology Co., LTD

FDC20-12S33 Datasheet PDF - Power Mate Technology Co., LTD
부품명 FDC20-12S33
다운로드  FDC20-12S33 다운로드
파일 크기   278.19 Kbytes
페이지   3 Pages
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
상세설명 20 WATTS OUTPUT POWER

FDC20-12S33 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FDC20-12S33 Datasheet PDF - Power Mate Technology Co., LTD

부품명 FDC20-12S33
다운로드  FDC20-12S33 Click to download

파일 크기   278.19 Kbytes
페이지   3 Pages
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
상세설명 20 WATTS OUTPUT POWER

FDC20-12S33 데이터시트 (HTML) - Power Mate Technology Co., LTD


FDC20-12S33 제품 세부 정보

DESCRIPTION

The FDC20 and FDC20-W series offer 20 Watts of output power from a 2 x 1.6 x 0.4 inch package. The FDC20 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FDC20-W series with 4:1 wide input voltage of 9-36 and 18-75VDC.



FEATURES

• 20 WATTS OUTPUT POWER

• OUTPUT CURRENT UP TO 4A

• STANDARD 2” X 1.6” X 0.4” PACKAGE

• HIGH EFFICIENCY UP TO 87%

• 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE

• SIX-SIDED CONTINUOUS SHIELD

• FIXED SWITCHING FREQUENCY

• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC

• UL60950-1, EN60950-1 AND IEC60950-1 LICENSED

• ISO9001 CERTIFIED MANUFACTURING FACILITIES

• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC



APPLICATIONS

  Wireless Network

  Telecom/Datacom

  Industry Control System

  Measurement Equipment

  Semiconductor Equipment



 




유사한 부품 번호 - FDC20-12S33

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-12S33 ASTRODYNE-FDC20-12S33 Datasheet
600Kb / 4P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
347Kb / 3P
20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-12S33 ASTRODYNE-FDC20-12S33 Datasheet
202Kb / 4P
Isolated and Regulated 20 WATT Modular DC/DC Converters
More results


유사한 설명 - FDC20-12S33

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
20 Watts Embedded Power
logo
Power Mate Technology C...
FED20-12S1P5 P-DUKE-FED20-12S1P5 Datasheet
247Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
5 WATTS OUTPUT POWER
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
POWER 20 Watts
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
Total Power: 20 Watts
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
20 Watts Maximum Output Power
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com