전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F707-E/PT 데이터시트 (PDF) - Microchip Technology

PIC16F707-E/PT Datasheet PDF - Microchip Technology
부품명 PIC16F707-E/PT
다운로드  PIC16F707-E/PT 다운로드
파일 크기   3135.03 Kbytes
페이지   284 Pages
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
상세설명 40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology

PIC16F707-E/PT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PIC16F707-E/PT Datasheet PDF - Microchip Technology

부품명 PIC16F707-E/PT
다운로드  PIC16F707-E/PT Click to download

파일 크기   3135.03 Kbytes
페이지   284 Pages
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
상세설명 40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology

PIC16F707-E/PT 데이터시트 (HTML) - Microchip Technology


PIC16F707-E/PT 제품 세부 정보

DEVICE OVERVIEW

The PIC16F707/PIC16LF707 devices are covered by this data sheet. They are available in 40/44-pin packages. Figure 1-1 shows a block diagram of the PIC16F707/PIC16LF707 devices. Table 1-1 shows the pinout descriptions.



High-Performance RISC CPU:

• Only 35 Single-Word Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz clock input

   - DC – 200 ns instruction cycle

• 8K x 14 Words of Flash Program Memory

• 363 Bytes of Data Memory (SRAM)

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes

• Processor Read Access to Program Memory

• Pinout Compatible to other 40-pin PIC16CXXX and PIC16FXXX Microcontrollers



Special Microcontroller Features:

• Precision Internal Oscillator:

   - 16 MHz or 500 kHz operation

   - Factory calibrated to ±1%, typical

   - Software selectable ÷1, ÷2, ÷4 or ÷8 divider

• 31 kHz Low-Power Internal Oscillator

• External Oscillator Block with:

   - 3 crystal/resonator modes up to 20 MHz

   - 3 external clock modes up to 20 MHz

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Oscillator Start-Up Timer (OST)

• Brown-out Reset (BOR):

   - Selectable between two trip points

   - Disabled in Sleep option

• Watchdog Timer (WDT)

• Programmable Code Protection

• In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via Two Pins

• Multiplexed Master Clear with Pull-up/Input Pin

• Industrial and Extended Temperature Range

• High-Endurance Flash Cell:

   - 1,000 Write Flash Endurance (typical)

   - Flash Retention: >40 years

   - Power-Saving Sleep mode

• Operating Voltage Range:

   - 1.8V to 3.6V (PIC16LF707)

• 1.8V to 5.5V (PIC16F707)



Extreme Low-Power Management PIC16LF707 with nanoWatt XLP:

• Sleep mode: 20 nA @ 1.8V, typical

• Watchdog Timer: 500 nA @ 1.8V, typical

• Timer1 Oscillator: 600 nA @ 1.8V, typical @ 32 kHz



mTouch™ Technology Features:

• Up to 32 Channels

• Two Capacitive Sensing modules:

   - Acquire 2 samples simultaneously

• Multiple Power modes:

   - Operation during Sleep

   - Proximity sensing with ultra low µA current

• Adjustable Waveform Min. and Max. for Optimal Noise Performance

• 1.8V to 5.5V Operation (3.6V max. for PIC16LF707)



Analog Features:

• A/D Converter:

   - 8-bit resolution and up to 14 channels

   - Conversion available during Sleep

   - Selectable 1.024V/2.048V/4.096V voltage reference

• On-chip 3.2V Regulator (PIC16F707 device only)



Peripheral Highlights:

• Up to 35 I/O Pins and 1 Input-only Pin:

   - High current source/sink for direct LED drive

   - Interrupt-on-pin change

   - Individually programmable weak pull-ups

• Timer0/A/B: 8-Bit Timer/Counter with 8-Bit Prescaler

• Enhanced Timer1/3:

   - Dedicated low-power 32 kHz oscillator driver

   - 16-bit timer/counter with prescaler

   - External Gate Input mode with toggle and single shot modes

   - Interrupt-on-gate completion

• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Two Capture, Compare, PWM modules (CCP):

   - 16-bit Capture, max. resolution 12.5 ns

   - 16-bit Compare, max. resolution 200 ns

   - 10-bit PWM, max. frequency 20 kHz

• Addressable Universal Synchronous

   Asynchronous Receiver Transmitter (AUSART)



 




유사한 부품 번호 - PIC16F707-E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
PIC16F707 MICROCHIP-PIC16F707 Datasheet
4Mb / 254P
20-Pin Flash Microcontrollers
11/29/12 2010-2013
More results


유사한 설명 - PIC16F707-E/PT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F66K80 MICROCHIP-PIC18F66K80 Datasheet
5Mb / 628P
28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC18F66K80 MICROCHIP-PIC18F66K80_13 Datasheet
5Mb / 622P
28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology
11/29/11 2010-2012
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
More results




Microchip Technology 에 대하여


Microchip Technology는 1989 년에 설립 된 미국 반도체 회사입니다.
이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 광범위한 마이크로 컨트롤러, 아날로그, 메모리 및 보안 제품을 제공합니다.
Microchip은 세계에서 가장 큰 마이크로 컨트롤러 공급 업체 중 하나이며 저전력 설계에 대한 전문 지식과 에너지 절약 기술에 대한 초점으로 유명합니다.
이 회사는 또한 고객이 제품을 설계하고 프로토 타입 할 수 있도록 개발 도구 및 소프트웨어를 제공합니다.
Microchip은 70 개 이상의 국가에서 운영을 보유하고 있으며 제품은 광범위한 응용 분야에서 사용됩니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.