전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67100-Q1054 데이터시트 (PDF) - Siemens Semiconductor Group

Q67100-Q1054 Datasheet PDF - Siemens Semiconductor Group
부품명 Q67100-Q1054
다운로드  Q67100-Q1054 다운로드

파일 크기   215.36 Kbytes
페이지   22 Pages
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
상세설명 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM

Q67100-Q1054 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
Q67100-Q1054 Datasheet PDF - Siemens Semiconductor Group

부품명 Q67100-Q1054
다운로드  Q67100-Q1054 Click to download

파일 크기   215.36 Kbytes
페이지   22 Pages
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
상세설명 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM

Q67100-Q1054 데이터시트 (HTML) - Siemens Semiconductor Group

Back Button Q67100-Q1054 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1054 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

Q67100-Q1054 제품 세부 정보

The HYB 514256B/BJ/BL/BJL is the new generation dynamic RAM organized as 262 144 words by 4-bit. The HYB 514256B/BJ/BL/BJL utilizes CMOS silicon gate process technology as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 514256B/BJ/BL/BJL to be packaged in a standard plastic P-DIP-20-2,or plastic P-SOJ-26/20-1. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include single + 5 V (± 10 %) power supply, direct interfacing with high-performance logic device families such as Schottky TTL. These HYB 514256BL/BJL are specially selected for battery backup applications.



Advanced Information

• 262 144 words by 4-bit organization

• Fast access and cycle time

   50 ns access time

   95 ns cycle time (-50 version)

   60 ns access time

   110 ns cycle time (-60 version)

   70 ns access time

   130 ns cycle time (-70 version)

• Fast page mode cycle time

   35 ns (-50 version)

   40 ns (-60 version)

   45 ns (-70 version)

• Low power dissipation

   max. 495 mW active (-50 version)

   max. 440 mW active (-60 version)

   max. 385 mW active (-70 version)

   max. 5.5 mW standby

   max. 1.1 mW standby for L-version

• Single + 5 V (± 10 %) supply with a built-in VBB generator

• Output unlatched at cycle end allows two dimensional chip selection

• Read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden-refresh and fast page mode capability

• All inputs, outputs and clocks

   TTL-compatible

• 512 refresh cycles/8 ms

   512 refresh cycles/64 ms for L-version only

• Plastic Packages: P-DIP-20-2, P-SOJ-26/20-1



 




유사한 부품 번호 - Q67100-Q1054

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67100-Q1050 SIEMENS-Q67100-Q1050 Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
Q67100-Q1050 SIEMENS-Q67100-Q1050 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Q67100-Q1051 SIEMENS-Q67100-Q1051 Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
Q67100-Q1056 SIEMENS-Q67100-Q1056 Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
More results


유사한 설명 - Q67100-Q1054

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com