전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX25L12845EMI-10G 데이터시트 (PDF) - Macronix International

MX25L12845EMI-10G Datasheet PDF - Macronix International
부품명 MX25L12845EMI-10G
다운로드  MX25L12845EMI-10G 다운로드

파일 크기   2138.56 Kbytes
페이지   74 Pages
제조업체  MCNIX [Macronix International]
홈페이지  http://www.macronix.com
Logo MCNIX - Macronix International
상세설명 ??Serial Peripheral Interface compatible - Mode 0 and Mode 3

MX25L12845EMI-10G Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MX25L12845EMI-10G Datasheet PDF - Macronix International

부품명 MX25L12845EMI-10G
다운로드  MX25L12845EMI-10G Click to download

파일 크기   2138.56 Kbytes
페이지   74 Pages
제조업체  MCNIX [Macronix International]
홈페이지  http://www.macronix.com
Logo MCNIX - Macronix International
상세설명 ??Serial Peripheral Interface compatible - Mode 0 and Mode 3

MX25L12845EMI-10G 데이터시트 (HTML) - Macronix International

Back Button MX25L12845EMI-10G Datasheet HTML 1Page - Macronix International MX25L12845EMI-10G Datasheet HTML 2Page - Macronix International MX25L12845EMI-10G Datasheet HTML 3Page - Macronix International MX25L12845EMI-10G Datasheet HTML 4Page - Macronix International MX25L12845EMI-10G Datasheet HTML 5Page - Macronix International MX25L12845EMI-10G Datasheet HTML 6Page - Macronix International MX25L12845EMI-10G Datasheet HTML 7Page - Macronix International MX25L12845EMI-10G Datasheet HTML 8Page - Macronix International MX25L12845EMI-10G Datasheet HTML 9Page - Macronix International MX25L12845EMI-10G Datasheet HTML 10Page - Macronix International Next Button 

MX25L12845EMI-10G 제품 세부 정보

GENERAL DESCRIPTION
MX25L12845E is 134,217,728 bits serial Flash memory, which is confgured as 16,777,216 x 8 internally. When it is in two or four I/O mode, the structure becomes 67,108,864 bits x 2 or 33,554,432 bits x 4. The MX25L12845E features a serial peripheral interface and software protocol allowing operation on a simple 3-wire bus. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial access to the device is enabled by CS# input.
MX25L12845E provides high performance read mode, which may latch address and data on both rising and falling edge of clock. By using this high performance read mode, the data throughput may be doubling. Moreover, the performance may reach direct code execution, the RAM size of the system may be reduced and further saving system cost.
MX25L12845E, MXSMIO (Serial Multi I/O) flash memory, provides sequential read operation on the whole chip and multi-I/O features.

FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 128Mb: 134,217,728 x 1 bit structure or 67,108,864 x 2 bits (two I/O mode) structure or 33,554,432 x 4 bits (four I/O mode) structure
• 4096 Equal Sectors with 4K bytes each
   - Any Sector can be erased individually
• 512 Equal Blocks with 32K bytes each
   - Any Block can be erased individually
• 256 Equal Blocks with 64K bytes each
   - Any Block can be erased individually
• Power Supply Operation
   - 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V

PERFORMANCE
• High Performance
   VCC = 2.7~3.6V
   - Normal read
      - 50MHz
   - Fast read (Normal Serial Mode)
      - 1 I/O: 104MHz with 8 dummy cycles
      - 2 I/O: 70MHz with 4 dummy cycles
      - 4 I/O: 70MHz with 6 dummy cycles
   - Fast read (Double Transfer Rate Mode)
      - 1 I/O: 50MHz with 6 dummy cycles
      - 2 I/O: 50MHz with 6 dummy cycles
      - 4 I/O: 50MHz with 8 dummy cycles
   - Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page)
   - Byte program time: 9us (typical)
   - Continuously Program mode (automatically increase address under word program mode)
   - Fast erase time: 60ms (typ.)/sector (4K-byte per sector) ; 0.7s(typ.) /block (64K-byte per block); 80s(typ.) /chip
• Low Power Consumption
   - Low active read current: 19mA(max.) at 104MHz, 15mA(max.) at 66MHz and 10mA(max.) at 33MHz
   - Low active programming current: 25mA (max.)
   - Low active erase current: 25mA (max.)
   - Low standby current: 100uA (max.)
   - Deep power down current: 40uA (max.)
• Typical 100,000 erase/program cycles

SOFTWARE FEATURES
• Input Data Format
   - 1-byte Command code
• Advanced Security Features
   - BP0-BP3 block group protect
   - Flexible individual block protect when OTP WPSEL=1
   - Additional 4K bits secured OTP for unique identifer
• Auto Erase and Auto Program Algorithms
   - Automatically erases and verifes data at selected sector
   - Automatically programs and verifes data at selected page by an internal algorithm that automatically times the program pulse width (Any page to be programed should have page in the erased state frst.)
• Status Register Feature
• Electronic Identifcation
   - JEDEC 1-byte Manufacturer ID and 2-byte Device ID
   - RES command for 1-byte Device ID
   - REMS, REMS2, REMS4 and REMS4D commands for 1-byte Manufacturer ID and 1-byte Device ID
• Support Serial Flash Discoverable Parameters (SFDP) mode

HARDWARE FEATURES
• SCLK Input
   - Serial clock input
• SI/SIO0
   - Serial Data Input or Serial Data Input/Output for 2 x I/O mode and 4 x I/O mode
• SO/SIO1/PO7
   - Serial Data Output or Serial Data Input/Output for 2 x I/O mode and 4 x I/O mode or Parallel Data
• WP#/SIO2
   - Hardware write protection or serial data Input/Output for 4 x I/O mode
• NC/SIO3
   - NC pin or serial data Input/Output for 4 x I/O mode
• PO0~PO6
   - For parallel mode data (only 128Mb provide parallel mode)
• PACKAGE
   - 16-pin SOP (300mil)
   - 8-WSON (8x6mm)
   - All devices are RoHS Compliant and Halogen-free




유사한 부품 번호 - MX25L12845EMI-10G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


유사한 설명 - MX25L12845EMI-10G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX25L4006EM1I-12G MCNIX-MX25L4006EM1I-12G Datasheet
1Mb / 52P
   Serial Peripheral Interface compatible --Mode 0 and Mode 3
logo
ATMEL Corporation
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26F004 ATMEL-AT26F004_14 Datasheet
725Kb / 38P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com