전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP30G120BSW-HF 데이터시트 (PDF) - Advanced Power Electronics Corp.

AP30G120BSW-HF Datasheet PDF - Advanced Power Electronics Corp.
부품명 AP30G120BSW-HF
다운로드  AP30G120BSW-HF 다운로드

파일 크기   104.68 Kbytes
페이지   4 Pages
제조업체  A-POWER [Advanced Power Electronics Corp.]
홈페이지  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
상세설명 N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD

AP30G120BSW-HF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AP30G120BSW-HF Datasheet PDF - Advanced Power Electronics Corp.

부품명 AP30G120BSW-HF
다운로드  AP30G120BSW-HF Click to download

파일 크기   104.68 Kbytes
페이지   4 Pages
제조업체  A-POWER [Advanced Power Electronics Corp.]
홈페이지  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
상세설명 N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD

AP30G120BSW-HF 데이터시트 (HTML) - Advanced Power Electronics Corp.

AP30G120BSW-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP30G120BSW-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.

AP30G120BSW-HF 제품 세부 정보

VCES 1200V

IC 30A



Features

▼ High Speed Switching

▼ Low Saturation Voltage

   VCE(sat)=2.9V@IC=30A

▼ CO-PAK, IGBT With FRD

▼ RoHS Compliant & Halogen-Free




유사한 부품 번호 - AP30G120BSW-HF

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
More results


유사한 설명 - AP30G120BSW-HF

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Alpha & Omega Semicondu...
AP30G120SW AOSMD-AP30G120SW Datasheet
100Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Advanced Power Electron...
AP30G120ASW A-POWER-AP30G120ASW Datasheet
103Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD.
AP30G120CSW-HF A-POWER-AP30G120CSW-HF Datasheet
104Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com