전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3504 데이터시트 (PDF) - Fairchild Semiconductor

KA3504 Datasheet PDF - Fairchild Semiconductor
부품명 KA3504
다운로드  KA3504 다운로드

파일 크기   207.3 Kbytes
페이지   12 Pages
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
상세설명 PC SMPS Supervisory IC

KA3504 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
KA3504 Datasheet PDF - Fairchild Semiconductor

부품명 KA3504
다운로드  KA3504 Click to download

파일 크기   207.3 Kbytes
페이지   12 Pages
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
상세설명 PC SMPS Supervisory IC

KA3504 데이터시트 (HTML) - Fairchild Semiconductor

Back Button KA3504 Datasheet HTML 1Page - Fairchild Semiconductor KA3504 Datasheet HTML 2Page - Fairchild Semiconductor KA3504 Datasheet HTML 3Page - Fairchild Semiconductor KA3504 Datasheet HTML 4Page - Fairchild Semiconductor KA3504 Datasheet HTML 5Page - Fairchild Semiconductor KA3504 Datasheet HTML 6Page - Fairchild Semiconductor KA3504 Datasheet HTML 7Page - Fairchild Semiconductor KA3504 Datasheet HTML 8Page - Fairchild Semiconductor KA3504 Datasheet HTML 9Page - Fairchild Semiconductor KA3504 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA3504 제품 세부 정보

Description
The KA3504 is complete output supervisory circuitry intended for use in the secondary side of the switched mode power supply. It provides all the functions necessary to monitor and control the output of the power supply system. Power good signal generator, Remote on and off control, some precision protection features against over-voltage and over-current are implemented. It directly senses all the output rails for OVP without any external dividers. As for output control, power good output (PGO) and Fault Protection output (FPO) are also included. Utilizing a minimum number of external components, the KA3504 offers a simple and cost effective solution, greatly reducing PCB board space for power supply system.

Features
• PC Power Supply Output Monitor Circuitry
• Few External Components
• Over Voltage Protection for 3.3V/5V/12V Output
• Over Current Protection for 3.3V/5V/12V Output With Delay Time
• Fault Protection Output With Open Collector Output
• Power Supply on/off Delay Time Control (PSON)
• Power Good Signal Generator With Hysteresis
• Open Collector PG Output
• 300ms Power Good Delay
• Current Sense Setting Function With RI
• Latch Function Controlled by PSON and Protection Input
• 16-Pin Dual In-line Package



유사한 부품 번호 - KA3504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

유사한 설명 - KA3504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results




Fairchild Semiconductor 에 대하여


Fairchild Semiconductor는 1950 년대 후반에 설립 된 개척 반도체 회사였습니다.
이 회사는 최초의 상업 트랜지스터 개발의 혁신과 통합 회로 기술의 발전에 기여한 것으로 유명했습니다.
Fairchild는 전력 반도체, 아날로그 및 혼합 신호 통합 회로 및 기타 반도체 제품의 주요 공급 업체가되었습니다.
이 회사는 2016 년에 Semiconductor에 의해 인수되었으며 제품 및 기술은 ON Semiconductor 브랜드에 따라 계속 개발 및 판매되고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com