전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

813-SL75.0M-26A 데이터시트 (PDF) - Oscilent Corporation

813-SL75.0M-26A Datasheet PDF - Oscilent Corporation
부품명 813-SL75.0M-26A
다운로드  813-SL75.0M-26A 다운로드

파일 크기   183.68 Kbytes
페이지   6 Pages
제조업체  OSCILENT [Oscilent Corporation]
홈페이지  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
상세설명 75.0 MHz IF SAW Filter 25.0 MHz Band

813-SL75.0M-26A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
813-SL75.0M-26A Datasheet PDF - Oscilent Corporation

부품명 813-SL75.0M-26A
다운로드  813-SL75.0M-26A Click to download

파일 크기   183.68 Kbytes
페이지   6 Pages
제조업체  OSCILENT [Oscilent Corporation]
홈페이지  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
상세설명 75.0 MHz IF SAW Filter 25.0 MHz Band

813-SL75.0M-26A 데이터시트 (HTML) - Oscilent Corporation

813-SL75.0M-26A Datasheet HTML 1Page - Oscilent Corporation 813-SL75.0M-26A Datasheet HTML 2Page - Oscilent Corporation 813-SL75.0M-26A Datasheet HTML 3Page - Oscilent Corporation 813-SL75.0M-26A Datasheet HTML 4Page - Oscilent Corporation 813-SL75.0M-26A Datasheet HTML 5Page - Oscilent Corporation 813-SL75.0M-26A Datasheet HTML 6Page - Oscilent Corporation



유사한 부품 번호 - 813-SL75.0M-26A

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
813-SL75.0M-26B OSCILENT-813-SL75.0M-26B Datasheet
225Kb / 6P
   75.0 MHz IF SAW Filter 26.40 MHz Bandwidth
More results


유사한 설명 - 813-SL75.0M-26A

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
821-IF75.0M-11A OSCILENT-821-IF75.0M-11A Datasheet
186Kb / 6P
   75.0 MHz IF SAW Filter 11.65 MHz Bandwidth
821-IF75.0M-26B OSCILENT-821-IF75.0M-26B Datasheet
218Kb / 6P
   75.0 MHz IF SAW Filter 26.16 MHz Bandwidth
809-SL75.0M-15B OSCILENT-809-SL75.0M-15B Datasheet
124Kb / 4P
   75.0 MHz IF SAW Filter 16.2 MHz Bandwidth
logo
Transko Electronics, In...
TA07509CD1 TRANSKO-TA07509CD1 Datasheet
769Kb / 4P
   75.0 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 04 Apr. 2012
logo
Oscilent Corporation
809-SL75.0M-15C OSCILENT-809-SL75.0M-15C Datasheet
184Kb / 6P
   75.0 MHz IF SAW Filter 15.5 MHz Bandwidth
821-IF75.0M-09A OSCILENT-821-IF75.0M-09A Datasheet
322Kb / 6P
   75.0 MHz IF SAW Filter 9.82 MHz Bandwidth
813-SL75.0M-26B OSCILENT-813-SL75.0M-26B Datasheet
225Kb / 6P
   75.0 MHz IF SAW Filter 26.40 MHz Bandwidth
logo
Transko Electronics, In...
TA07526BD1 TRANSKO-TA07526BD1 Datasheet
533Kb / 4P
   75.0 MHz IF SAW Filter / 26.16 MHz Bandwidth
Revision 0: 11. Mar. 2009
TA07530BD1 TRANSKO-TA07530BD1 Datasheet
528Kb / 4P
   75.0 MHz IF SAW Filter / 30.10 MHz Bandwidth
Revision 0: 10. Mar. 2009
TL07510BV TRANSKO-TL07510BV Datasheet
530Kb / 4P
   75.0 MHz IF SAW Filter / 10.17 MHz Bandwidth
Revision 0: 26 Nov. 2009
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com