전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE5820M53 데이터시트 (PDF) - California Eastern Labs

NE5820M53 Datasheet PDF - California Eastern Labs
부품명 NE5820M53
다운로드  NE5820M53 다운로드

파일 크기   1422.83 Kbytes
페이지   8 Pages
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs
상세설명 P-channel MOS Field Effect Transistor for Impedance Converter of Microphone

NE5820M53 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NE5820M53 Datasheet PDF - California Eastern Labs

부품명 NE5820M53
다운로드  NE5820M53 Click to download

파일 크기   1422.83 Kbytes
페이지   8 Pages
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs
상세설명 P-channel MOS Field Effect Transistor for Impedance Converter of Microphone

NE5820M53 데이터시트 (HTML) - California Eastern Labs

NE5820M53 Datasheet HTML 1Page - California Eastern Labs NE5820M53 Datasheet HTML 2Page - California Eastern Labs NE5820M53 Datasheet HTML 3Page - California Eastern Labs NE5820M53 Datasheet HTML 4Page - California Eastern Labs NE5820M53 Datasheet HTML 5Page - California Eastern Labs NE5820M53 Datasheet HTML 6Page - California Eastern Labs NE5820M53 Datasheet HTML 7Page - California Eastern Labs NE5820M53 Datasheet HTML 8Page - California Eastern Labs

NE5820M53 제품 세부 정보

DESCRIPTION
The NE5820M53 is a P-channel silicon MOSFET designed for use as impedance converter for microphone.
The package is a 3-pin thin-type lead-less minimold, suitable for high-density surface mounting.

FEATURES
• Low noise : NV = −114 dBV TYP. @VDD = 2.0 V, Cin = 3 pF, RL = 15 kΩ
• Low input capacitance : Ciss = 1.5 pF TYP. @VDD = 2.0 V, RL = 15 kΩ
• Low consumption current : IDD = 85 μATYP. @VDD = 2.0 V, RL = 15 kΩ
• High-density surface mounting : 3-pin thin-type lead-less minimold (1.2 × 1.0 × 0.33 mm)
• Built-in the capacitor for RF noise immunity
• High ESD voltage

APPLICATIONS
• Microphone, Sensor etc.




유사한 부품 번호 - NE5820M53

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53-T1 RENESAS-NE5820M53-T1 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53 RENESAS-NE5820M53_15 Datasheet
194Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results


유사한 설명 - NE5820M53

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53_15 Datasheet
194Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
logo
NEC
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results




California Eastern Labs 에 대하여


CEL(California Eastern Laboratories)은 고급 RF 및 마이크로웨이브 부품과 시스템의 설계, 개발 및 생산을 전문으로 하는 선도적인 반도체 제조업체이자 기술 회사입니다. 이 회사는 캘리포니아주 산타클라라에 본사를 두고 있으며 60년 이상 운영되어 왔습니다.

CEL은 RF 스위치, 믹서, 증폭기 및 모듈을 포함하여 광범위한 고성능 RF 및 마이크로웨이브 제품으로 유명합니다. 이 회사는 또한 특정 요구 사항이 있는 고객을 위한 맞춤형 디자인 서비스를 제공합니다. CEL의 제품은 무선 통신, 항공 우주 및 방위, 자동차 및 의료를 포함한 다양한 산업에서 널리 사용됩니다.

CEL은 또한 Renesas Electronics Corporation의 북미 및 남미 독점 판매 및 마케팅 파트너로서 Renesas의 광범위한 반도체 포트폴리오를 이 지역 고객에게 제공합니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com