전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ44N 데이터시트 (PDF) - Kersemi Electronic Co., Ltd.

IRFZ44N Datasheet PDF - Kersemi Electronic Co., Ltd.
부품명 IRFZ44N
다운로드  IRFZ44N 다운로드

파일 크기   700.41 Kbytes
페이지   8 Pages
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
상세설명 Advanced Process Technology

IRFZ44N Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
IRFZ44N Datasheet PDF - Kersemi Electronic Co., Ltd.

부품명 IRFZ44N
다운로드  IRFZ44N Click to download

파일 크기   700.41 Kbytes
페이지   8 Pages
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
상세설명 Advanced Process Technology

IRFZ44N 데이터시트 (HTML) - Kersemi Electronic Co., Ltd.

IRFZ44N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFZ44N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.

IRFZ44N 제품 세부 정보

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




유사한 부품 번호 - IRFZ44N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
EVER SEMICONDUCTOR CO.,...
IRFZ44N EVVOSEMI-IRFZ44N Datasheet
828Kb / 8P
   60V N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
logo
TRANSYS Electronics Lim...
IRFZ44N TEL-IRFZ44N Datasheet
141Kb / 1P
   Power MOSFET
logo
Suntac Electronic Corp.
IRFZ44N SUNTAC-IRFZ44N Datasheet
150Kb / 5P
   N-CHANNEL Power MOSFET
More results


유사한 설명 - IRFZ44N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com