전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z0409MF 데이터시트 (PDF) - Kersemi Electronic Co., Ltd.

Z0409MF Datasheet PDF - Kersemi Electronic Co., Ltd.
부품명 Z0409MF
다운로드  Z0409MF 다운로드
파일 크기   892.35 Kbytes
페이지   7 Pages
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
상세설명 4 A Triacs

Z0409MF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
Z0409MF Datasheet PDF - Kersemi Electronic Co., Ltd.

부품명 Z0409MF
다운로드  Z0409MF Click to download

파일 크기   892.35 Kbytes
페이지   7 Pages
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
상세설명 4 A Triacs

Z0409MF 데이터시트 (HTML) - Kersemi Electronic Co., Ltd.


Z0409MF 제품 세부 정보

Description
The Z04 series is suitable for general purpose AC switching applications. They can be found in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,...
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.




유사한 부품 번호 - Z0409MF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
Z0409MF STMICROELECTRONICS-Z0409MF Datasheet
88Kb / 8P
4A TRIACS
logo
Tiger Electronic Co.,Lt...
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
4A TRIACS
logo
STMicroelectronics
Z0409MF STMICROELECTRONICS-Z0409MF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
logo
HAOPIN MICROELECTRONICS...
Z0409MF HAOPIN-Z0409MF Datasheet
293Kb / 5P
Blocking voltage to 600 V
logo
STMicroelectronics
Z0409MF-1AA2 STMICROELECTRONICS-Z0409MF-1AA2 Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
More results


유사한 설명 - Z0409MF

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
Internally Triggered Triacs (4 A to 15 A)
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
10-A SILICON TRIACS
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
1 A Triacs
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
logo
YENYO TECHNOLOGY Co., L...
BT04 YENYO-BT04 Datasheet
189Kb / 5P
4-Quardrant Triacs
BT08 YENYO-BT08 Datasheet
209Kb / 5P
4-Quardrant Triacs
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
4 A Triacs
November 2016
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com