전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M2S56D20AKT 데이터시트 (PDF) - Mitsubishi Electric Semiconductor

M2S56D20AKT Datasheet PDF - Mitsubishi Electric Semiconductor
부품명 M2S56D20AKT
다운로드  M2S56D20AKT 다운로드

파일 크기   824.58 Kbytes
페이지   37 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 256M Double Data Rate Synchronous DRAM

M2S56D20AKT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
M2S56D20AKT Datasheet PDF - Mitsubishi Electric Semiconductor

부품명 M2S56D20AKT
다운로드  M2S56D20AKT Click to download

파일 크기   824.58 Kbytes
페이지   37 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 256M Double Data Rate Synchronous DRAM

M2S56D20AKT 데이터시트 (HTML) - Mitsubishi Electric Semiconductor

Back Button M2S56D20AKT Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M2S56D20AKT Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

M2S56D20AKT 제품 세부 정보

DESCRIPTION
M2S56D20AKT is a 4-bank x 16,777,216-word x 4-bit,
M2S56D30AKT is a 4-bank x 8,388,608-word x 8-bit,
M2S56D40AKT is a 4-bank x 4,194,304-word x 16-bit,
double data rate synchronous DRAM, with SSTL_2 interface. All control and address signals are referenced to the rising edge of CLK. Input data is registered on both edges of data strobe, and output data and data strobe are referenced on both edges of CLK. The M2S56D20/30/40AKT achieves very high speed data rate up to 133MHz, and are suitable for main memory in computer systems.

FEATURES
- Vdd=Vddq=2.5V+0.2V
- Double data rate architecture; two data transfers per clock cycle
- Bidirectional, data strobe (DQS) is transmitted/received with data
- Differential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions with CLK transitions edges of DQS
- Commands entered on each positive CLK edge;
- data and data mask referenced to both edges of DQS
- 4 bank operation controlled by BA0, BA1 (Bank Address)
- /CAS latency- 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst type- sequential / interleave (programmable)
- Auto precharge / All bank precharge controlled by A10
- 8192 refresh cycles /64ms (4 banks concurrent refresh)
- Auto refresh and Self refresh
- Row address A0-12 / Column address A0-9,11(x4)/ A0-9(x8)/ A0-8(x16)
- SSTL_2 Interface
- 400-mil, 66-pin Thin Small Outline Package (TSOP II)
- JEDEC standard




유사한 부품 번호 - M2S56D20AKT

제조업체부품명데이터시트상세설명
logo
Elpida Memory
M2S56D20AKT ELPIDA-M2S56D20AKT Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
More results


유사한 설명 - M2S56D20AKT

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
   256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
   256M Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
   256M Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
   256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
   256M Synchronous DRAM
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com