제조업체 | 부품명 | 데이터시트 | 상세설명 |
Texas Instruments |
BQ24392-Q1
|
959Kb / 22P |
[Old version datasheet] BQ24392-Q1 Dual SPST USB 2.0 High Speed Switch With USB Battery Charging Specification Revision 1.2 Detection
|
BQ24392-Q1
|
992Kb / 22P |
[Old version datasheet] Dual SPST USB 2.0 High Speed Switch
|
BQ24392
|
992Kb / 22P |
[Old version datasheet] Dual SPST USB 2.0 High Speed Switch
|
BQ24392
|
708Kb / 17P |
[Old version datasheet] Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
|
ON Semiconductor |
FSA832
|
397Kb / 11P |
USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1 |
Texas Instruments |
TUSB216
|
8Mb / 33P |
[Old version datasheet] TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
|
Integrated Device Techn... |
IDTUS8031
|
322Kb / 16P |
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
|
Fairchild Semiconductor |
FSUSB31
|
690Kb / 14P |
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
|
Integrated Device Techn... |
IDTUS8032
|
309Kb / 16P |
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
|
Microchip Technology |
USB375X
|
446Kb / 31P |
USB 2.0 Protection IC with Battery Charger Detection
03/25/14 |