전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67101-H6791 데이터시트 (PDF) - Siemens Semiconductor Group

Q67101-H6791 Datasheet PDF - Siemens Semiconductor Group
부품명 Q67101-H6791
다운로드  Q67101-H6791 Click to view

파일 크기   4055.17 Kbytes
페이지   272 Pages
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
부품 상세설명 ICs for Communications

Q67101-H6791 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
Q67101-H6791 Datasheet PDF - Siemens Semiconductor Group

부품명 Q67101-H6791
다운로드  Q67101-H6791 Click to view

파일 크기   4055.17 Kbytes
페이지   272 Pages
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
부품 상세설명 ICs for Communications

Q67101-H6791 데이터시트 (HTML) - Siemens Semiconductor Group

Back Button Q67101-H6791 Datasheet HTML 1Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 2Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 3Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 4Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 5Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 6Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 7Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 8Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 9Page - Siemens Semiconductor Group Q67101-H6791 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

Q67101-H6791 제품 세부 정보

Introduction

The Enhanced Serial Communication Controller ESCC2 (SAB 82532/SAF 82532) is a multiprotocol data communication controller with two symmetrical serial channels. It has been designed to implement high-speed communication links and to reduce hardware and software overhead needed for serial synchronous/asynchronous communications.

Each channel contains an independent clock generator, DPLL, encoder/decoder and programmable protocol hardware. Data communication with asynchronous, synchronous character oriented, and HDLC based protocols with extended support of X.25 LAPB, the ISDN LAPD, and SDLC protocols is implemented. Like the SAB 82525 (HSCX) which is a functional subset of the ESCC2, the ESCC2 is capable of handling a large set of layer-2 protocol functions independently of the host processor.



Features

Serial Interface

• Two independent full duplex serial channels

   – On chip clock generation or external clock source

   – On chip DPLL for clock recovery of each channel

   – Two independent baud rate generators

   – Independent time-slot assignment for each channel with programmable time-slot length (1 … 256 bits)

• Async, sync character oriented (MONOSYNC/BISYNC) or HDLC/SDLC modes (including SDLC LOOP)

• Transparent receive/transmit of data bytes without framing

• NRZ, NRZI, FM and Manchester encoding

• Modem control lines (RTS, CTS, CD)

• CRC support:

   – HDLC/SDLC: CRC-CCITT or CRC-32 (automatic handling for transmit/receive direction)

   – BISYNC: CRC-16 or CRC-CCITT (support for transmit direction)

• Support of bus configuration by collision detection and resolution

• Statistical multiplexing

• Continuous transmission of 1 to 32 bytes possible

• Programmable preamble (8 bit) with selectable repetition rate (HDLC/SDLC and BISYNC)

• Data rate up to 10 Mbit/s

• Master clock mode with data rate up to 4 Mbit/s



Protocol Support (HDLC/SDLC)

• Various types of protocol support depending on operating mode

   – Auto mode (automatic handling of S- and I-frames)

   – Non-auto mode

   – Transparent mode

• Handling of bit oriented functions

• Support of LAPB/LAPD/SDLC/HDLC protocol in auto mode (I- and S-frame handling)

• Modulo-8 or modulo-128 operation

• Programmable time-out and retry conditions

• Programmable maximum packet size checking



MP Interface and Ports

• 64 byte FIFOs per channel and direction (byte or word access)

• 8/16 bit microprocessor bus interface (Intel or Motorola type)

• All registers directly accessible (byte and word access)

• Efficient transfer of data blocks from/to system memory via DMA or interrupt request

• Support of Daisy Chaining and Slave Operation with Interrupt Vector generation

• 8-bit programmable bi-directional universal port



General

• Advanced CMOS technology

• Low power consumption: active 40 mW at 2 MHz/standby 5 mW (typical values)

• P-LCC-68 Package

• P-MQFP-80 Package



Applications

• Universal, multiprotocol communication board for Workstation- and PC-boards

• Terminal controllers

• Computer peripherals

• Time slotted packet networks

• Multimaster communication networks

• LANs



 



유사한 부품 번호 - Q67101-H6791

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
More results

유사한 설명 - Q67101-H6791

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
Siemens Semiconductor Group
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
Infineon Technologies AG
Infineon Technologies A...
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

데이터시트 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz