전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M37735EHL 데이터시트 (PDF) - Mitsubishi Electric Semiconductor

M37735EHL Datasheet PDF - Mitsubishi Electric Semiconductor
부품명 M37735EHL
다운로드  M37735EHL 다운로드
파일 크기   672.81 Kbytes
페이지   34 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 PROM VERSION OF M37735MHLXXXHP

M37735EHL Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
M37735EHL Datasheet PDF - Mitsubishi Electric Semiconductor

부품명 M37735EHL
다운로드  M37735EHL Click to download

파일 크기   672.81 Kbytes
페이지   34 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 PROM VERSION OF M37735MHLXXXHP

M37735EHL 데이터시트 (HTML) - Mitsubishi Electric Semiconductor


M37735EHL 제품 세부 정보

DESCRIPTION
The M37735EHLXXXHP is a single-chip microcomputer using the 7700 Family core. This single-chip microcomputer has a CPU and a bus interface unit. The CPU is a 16-bit parallel processor that can be an 8-bit parallel processor, and the bus interface unit enhances the memory access efficiency to execute instructions fast. This microcomputer also includes a 32 kHz oscillation circuit, in addition to the PROM, RAM, multiple-function timers, serial I/O, A-D converter, and so on.
Its strong points are the low power dissipation, the low supply voltage and the small package.

FEATURES
● Number of basic instructions .................................................. 103
● Memory size PROM ............................................. 124 Kbytes
                         RAM ................................................ 3968 bytes
● Instruction execution time
   The fastest instruction at 12 MHz frequency ...................... 333 ns
● Single power supply ...................................................... 2.7–5.5 V
● Low power dissipation (At 3 V supply voltage, 12 MHz frequency)
                                          ............................................ 9 mW (Typ.)
● Interrupts ............................................................ 19 types, 7 levels
● Multiple-function 16-bit timer ................................................. 5 + 3
● Serial I/O (UART or clock synchronous) ...................................... 3
● 10-bit A-D converter .............................................. 8-channel inputs
● Watchdog timer
● Programmable input/output
   (ports P0, P1, P2, P3, P4, P5, P6, P7, P8) ............................... 68
● Clock generating circuit ........................................ 2 circuits built-in
● Small package ..................... 80-pin plastic molded fine-pitch QFP
                                                                             (0.5 mm lead pitch)

APPLICATION
   Control devices for general commercial equipment such as office automation, office equipment, personal information equipment, and so on.
   Control devices for general industrial equipment such as communication equipment, and so on.




유사한 부품 번호 - M37735EHL

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37735EHLXXXHP MITSUBISHI-M37735EHLXXXHP Datasheet
422Kb / 34P
PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
PROM VERSION OF M37735MHLXXXHP
More results


유사한 설명 - M37735EHL

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37735EHB MITSUBISHI-M37735EHB Datasheet
591Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHLXXXHP MITSUBISHI-M37735EHLXXXHP Datasheet
422Kb / 34P
PROM VERSION OF M37735MHLXXXHP
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
PROM VERSION OF M37736EHBXXXGP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
PROM VERSION OF M37733MHBXXXFP
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
PROM VERSION OF M37733MHLXXXHP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
PROM VERSION OF M37735MHBXXXFP
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
PROM VERSION OF M37735MHLXXXHP
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
PROM VERSION OF M37736MHBXXXGP
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
PROM VERSION OF M37736MHLXXXHP
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com