전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1955 데이터시트 (PDF) - NTE Electronics

NTE1955 Datasheet PDF - NTE Electronics
부품명 NTE1955
다운로드  NTE1955 다운로드

파일 크기   20.62 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A

NTE1955 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE1955 Datasheet PDF - NTE Electronics

부품명 NTE1955
다운로드  NTE1955 Click to download

파일 크기   20.62 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A

NTE1955 데이터시트 (HTML) - NTE Electronics

NTE1955 Datasheet HTML 1Page - NTE Electronics NTE1955 Datasheet HTML 2Page - NTE Electronics

NTE1955 제품 세부 정보

Description:

The NTE1955 positive voltage regulator features the ability to source 1A of output current with a dropout voltage of typically 0.5V and a maximum of 1V over the entire temperature range. Furthermore, a quiescent current reduction circuit has been included which reduces the ground current when the differential between the input voltage and the output voltage exceeds approximately 3V. The quiescent current with 1A of output current and an input–output differential of 5V is therefore only 30mA. High quiescent currents only exist when the regulator is in the dropout mode (VIN – VOUT ≤ 3V).



Features:

• Dropout Voltage: 0.5V (Typ) @ IO = 1A

• Output Current in Excess of 1A

• Reverse Battery Protection

• Internal Short Circuit Current Limit



 




유사한 부품 번호 - NTE1955

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1952 NTE-NTE1952 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
More results


유사한 설명 - NTE1955

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1952 NTE-NTE1952 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE968 NTE-NTE968 Datasheet
21Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1932 NTE-NTE1932 Datasheet
23Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 10V, 1A
NTE1938 NTE-NTE1938 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 15V, 2A
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com