| 전자부품 데이터시트 검색엔진 |
|
ST72324J4 데이터시트(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324J4 데이터시트(HTML) 111 Page - STMicroelectronics |
|
111 / 156 page ![]() ST72324J/K 111/156 INSTRUCTION SET OVERVIEW (Cont’d) Mnemo Description Function/Example Dst Src I1 H I0 N Z C JRULE Jump if (C + Z = 1) Unsigned <= LD Load dst <= src reg, M M, reg N Z MUL Multiply X,A = X * A A, X, Y X, Y, A 0 0 NEG Negate (2’s compl) neg $10 reg, M N Z C NOP No Operation OR OR operation A = A + M A M N Z POP Pop from the Stack pop reg reg M pop CC CC M I1 H I0 N Z C PUSH Push onto the Stack push Y M reg, CC RCF Reset carry flag C = 0 0 RET Subroutine Return RIM Enable Interrupts I1:0 = 10 (level 0) 1 0 RLC Rotate left true C C <= A <= C reg, M N Z C RRC Rotate right true C C => A => C reg, M N Z C RSP Reset Stack Pointer S = Max allowed SBC Substract with Carry A = A - M - C A M N Z C SCF Set carry flag C = 1 1 SIM Disable Interrupts I1:0 = 11 (level 3) 1 1 SLA Shift left Arithmetic C <= A <= 0 reg, M N Z C SLL Shift left Logic C <= A <= 0 reg, M N Z C SRL Shift right Logic 0 => A => C reg, M 0 Z C SRA Shift right Arithmetic A7 => A => C reg, M N Z C SUB Substraction A = A - M A M N Z C SWAP SWAP nibbles A7-A4 <=> A3-A0 reg, M N Z TNZ Test for Neg & Zero tnz lbl1 N Z TRAP S/W trap S/W interrupt 1 1 WFI Wait for Interrupt 1 0 XOR Exclusive OR A = A XOR M A M N Z |