전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

510109487 데이터시트(PDF) 1 Page - Virginia Panel Corporation

부품명 510109487
상세설명  WDA W/PBC NI-6585 FLEX RIO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VPC [Virginia Panel Corporation]
홈페이지  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

510109487 데이터시트(HTML) 1 Page - Virginia Panel Corporation

  510109487 Datasheet HTML 1Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
171.22
6.74
Screwed
shipped
bagged
loose
PIN 34
V1
PIN 1
V2
PIN 68
V1
PIN 1
V1
PIN 34
V2
PIN 68
V2
.78
19.89
7.36
186.94
PIN A1
PIN A48
PIN D1
PIN D48
TECHNICAL DATA:
CONNECTOR:
CURRENT = .5 AMP @ 30 VAC
TEMP = -55º to 85º C
ISULATION RESISTANCE = 500 MEGAOHMS
DWV = 250 VAC
REV
DESCRIPTION
REVISIONS
DATE
ENGR
A
DO NOT SCALE DRAWING
B
C
D
A
B
C
D
4
3
2
1
4
3
2
1
C
NOTES:
1. FOR APPLICATION USE & CARE INFORMATION CONSULT VPC USERS GUIDE @WWW.VPC.COM
S MARSHALL
7/21/15
ECN # 6125
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
AND IS SUBMITTEDFOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED,
OR DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT
PROVIDED. CONSULT WITH VIRGINIA PANEL CORPORATION ENGINEERING IF MORE DETAIL IS REQUIRED.
510109487
SHEET 1 OF 1
REV
C
510109487
CUSTOMER DRAWING
WWW.VPC.COM
VIRGINIA PANEL CORPORATION
18117
CAGE CODE
SIZE
C
1:1
SCALE:
[MILLIMETERS]
INCHES
DIMENSIONS ARE SHOWN AS:
9/23/2010
DWG.NO.
WDA W/PBC NI-6585 FLEX RIO


유사한 부품 번호 - 510109487

제조업체부품명데이터시트상세설명
logo
Virginia Panel Corporat...
510109204 VPC-510109204 Datasheet
1Mb / 3P
i2 MICRO iCON PCB ASSEMBLY
510109204 VPC-510109204 Datasheet
173Kb / 2P
MODULE HDR 84 POSITION RT ANG COMP PIN
510109206 VPC-510109206 Datasheet
1Mb / 3P
i2 MICRO iCON PCB ASSEMBLY
510109206 VPC-510109206 Datasheet
136Kb / 2P
MODULE HDR 60 POSITION RT ANG COMP PIN
More results

유사한 설명 - 510109487

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
PEB2050 SIEMENS-PEB2050 Datasheet
680Kb / 18P
Peripheral Board Controller(PBC)
logo
Vitesse Semiconductor C...
VSC7147 VITESSE-VSC7147 Datasheet
109Kb / 2P
Hex PBC with Dual Repeater/Retimer
logo
National Instruments Co...
SBRIO-9601 NI-SBRIO-9601 Datasheet
301Kb / 3P
NI Single-Board RIO Embedded Control and Acquisition Devices
NIPCIE-7842R NI-NIPCIE-7842R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
NIPCIE-7852R NI-NIPCIE-7852R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
logo
Schneider Electric
140CRA31200 SCHNEIDER-140CRA31200 Datasheet
113Kb / 3P
Quantum RIO Drop E/IP 1CH
Apr 18, 2022
140CRA31908 SCHNEIDER-140CRA31908 Datasheet
97Kb / 2P
M580 Quantum S908 RIO Drop Adapter
Apr 18, 2022
140CRP31200 SCHNEIDER-140CRP31200 Datasheet
105Kb / 3P
Quantum Ethernet RIO Head
Apr 18, 2022
BMXCRA31200 SCHNEIDER-BMXCRA31200 Datasheet
160Kb / 5P
Modicon X80 RIO Drop E/IP STD
Apr 19, 2022
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com