전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5794UTX 데이터시트(PDF) 2 Page - TT Electronics.

부품명 2N5794UTX
상세설명  Surface Mount Dual NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N5794UTX 데이터시트(HTML) 2 Page - TT Electronics.

  2N5794UTX Datasheet HTML 1Page - TT Electronics. 2N5794UTX Datasheet HTML 2Page - TT Electronics. 2N5794UTX Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount Dual NPN
Transistor
2N5794U (TX, TXV)
Issue C
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Collector‐Emi er  Voltage  
45 V 
Collector‐Base Voltage 
75 V 
Emi er‐Base Voltage 
6 V 
Collector Current‐Con nuous 
600 mA 
Opera ng Junc on Temperature (TJ) ‐65° C to +200 °C 
Storage Junc on Temperature (Tstg) ‐65° C to +200° C 
Power Dissipa on @ TA = 25°C 
0.5 W 
Power Dissipa on @ Tc = 25° C 
0.6 W
(1) 
Soldering Temperature (vapor phase reflow for 30 seconds) 
215° C 
Soldering Temperature (heated collet for 5 seconds) 
260° C 
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
OFF CHARACTERISTICS  
V(BR)CEO 
Collector‐Emi er Breakdown Voltage 
40 ‐ 
IC = 10 mA
(1) 
ICBO1 
Collector‐Base Cutoff Current  
10 
µA 
VCB = 75 V 
ICBO2 
Collector‐Base Cutoff Current  
10 
nA 
VCB = 50 V 
ICBO3 
Collector‐Base Cutoff Current  
10 
µA 
VBC = 50 V, TA = 150° C 
IEBO1 
Emi er‐Base Breakdown Voltage  
10 
VEB = 6 V 
IEBO2 
Emi er‐Base Cutoff Current  
10 
nA 
VEB = 4 V 
hFE1 
35  
‐ 
VCE = 10 V, IC = 0.1 mA 
hFE2 
50 
 
‐ 
VCE = 10 V, IC = 1.0 mA 
hFE3 
75 
 
‐ 
VCE = 10 V, IC = 10 mA
(1) 
hFE4 
100 
300 ‐ 
VCE = 10 V, IC = 150 mA
(1) 
hFE5 
40 
 
‐ 
VCE = 10 V, IC = 300 mA
(1) 
hFE6 
50 
 
‐ 
VCE = 1.0 V, IC = 150 mA
(1) 
hFE7 
40 
 
‐ 
VCE = 10 V, IC = 150 mA, TA = ‐55° C
(1) 
  
 
 
 
 
Forward‐Current Transfer Ra o 
Note: 
1.  Pulsed Test: Pulse Width = 300 µs ± 50, 1‐2 % Duty Cycle 


유사한 부품 번호 - 2N5794UTX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Microsemi Corporation
2N5794U MICROSEMI-2N5794U Datasheet
131Kb / 2P
NPN SILICON DUAL TRANSISTOR
2N5794UC MICROSEMI-2N5794UC Datasheet
131Kb / 2P
NPN SILICON DUAL TRANSISTOR
More results

유사한 설명 - 2N5794UTX

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
CMXT3904 CENTRAL-CMXT3904 Datasheet
98Kb / 2P
SURFACE MOUNT DUAL NPN SILIOCON TRANSISTOR
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
BC847CDLP DIODES-BC847CDLP Datasheet
119Kb / 4P
NPN DUAL SURFACE MOUNT TRANSISTOR
DS30817 Rev. 6 - 2
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
DS31484 Rev. 3 - 2
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
DUAL NPN SURFACE MOUNT TRANSISTOR
logo
Central Semiconductor C...
CMLT2222A CENTRAL-CMLT2222A_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com