전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25DV64K 데이터시트(PDF) 109 Page - STMicroelectronics

부품명 ST25DV64K
상세설명  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K 데이터시트(HTML) 109 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 105Page - STMicroelectronics ST25DV64K Datasheet HTML 106Page - STMicroelectronics ST25DV64K Datasheet HTML 107Page - STMicroelectronics ST25DV64K Datasheet HTML 108Page - STMicroelectronics ST25DV64K Datasheet HTML 109Page - STMicroelectronics ST25DV64K Datasheet HTML 110Page - STMicroelectronics ST25DV64K Datasheet HTML 111Page - STMicroelectronics ST25DV64K Datasheet HTML 112Page - STMicroelectronics ST25DV64K Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 220 page
background image
DocID027603 Rev 4
109/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
•
Fast Write Message, used to write up to 256 bytes in the mailbox, with answer at
double data rate.
•
Read Configuration, used to read static configuration registers.
•
Write Configuration, used to write static configuration registers.
•
Read Dynamic Configuration, used to read dynamic register.
•
Write Dynamic Configuration, used to write dynamic register.
•
Fast Read Dynamic Configuration, used to read dynamic register, at double data
rate.
•
Fast Write Dynamic Configuration, used to write dynamic register, with answer at
double data rate.
•
Manage GPO, used to drive GPO output value when corresponding GPO mode is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More