전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-SERIES 데이터시트(PDF) 1 Page - MTRONPTI

부품명 MC-SERIES
상세설명  Low Frequency Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MTRONPTI [MTRONPTI]
홈페이지  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MC-SERIES 데이터시트(HTML) 1 Page - MTRONPTI

  MC-SERIES Datasheet HTML 1Page - MTRONPTI MC-SERIES Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC Series
Low Frequency Bandpass Filter
PC mountable or connector with lower loss, more
complexity, and higher power.
Standard Parameters
Special Parameters
Comments
Frequency Range
15 to 150 MHz
2 to 200 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 10 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
6
12
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Dimensions
See chart below
See chart below
Mounting Options
PC Mount OR CONNECTORIZED
Gross and Fine Leak do not apply to
connectorized parts.
SMA Female or Male
SMC or SMB Female or Male
Overview
http://www.mtronpti.com/products/Filter/Bandpass/mc-series-low-frequency-bandpass
Connector


유사한 부품 번호 - MC-SERIES

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC-SERISE ETC1-MC-SERISE Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

유사한 설명 - MC-SERIES

제조업체부품명데이터시트상세설명
logo
MTRONPTI
MB MTRONPTI-MB Datasheet
250Kb / 2P
Low Frequency Bandpass Filter
MC MTRONPTI-MC Datasheet
267Kb / 2P
Low Frequency Bandpass Filter
MD MTRONPTI-MD Datasheet
230Kb / 3P
Low Frequency Bandpass Filter
P MTRONPTI-P Datasheet
236Kb / 2P
Low Frequency Bandpass Filter
M MTRONPTI-M Datasheet
367Kb / 2P
Low Frequency Bandpass Filter
logo
Advanced Crystal Techno...
ACTF4228 ACT-ACTF4228 Datasheet
214Kb / 3P
Low-loss Bandpass filter
logo
MTRONPTI
MB-SERIES MTRONPTI-MB-SERIES Datasheet
250Kb / 2P
Low Frequency Bandpass Filter
MD-SERIES MTRONPTI-MD-SERIES Datasheet
230Kb / 3P
Low Frequency Bandpass Filter
M-SERIES MTRONPTI-M-SERIES Datasheet
367Kb / 2P
Low Frequency Bandpass Filter
P-SERIES MTRONPTI-P-SERIES Datasheet
236Kb / 2P
Low Frequency Bandpass Filter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com