전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-611.8X 데이터시트(PDF) 3 Page - Recom International Power

부품명 R-611.8X
상세설명  Adjustable Output Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-611.8X 데이터시트(HTML) 3 Page - Recom International Power

  R-611.8X Datasheet HTML 1Page - Recom International Power R-611.8X Datasheet HTML 2Page - Recom International Power R-611.8X Datasheet HTML 3Page - Recom International Power R-611.8X Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R-6xxxP_D
Series
Characteristics
INNOLINE
DC/DC-Converter
Iout (A)
2.0
1.5
1.0
0.1
0.5
Vin = 9V
Vin = 12V
Vin = 26V
80
60
70
50
82.5
85.0
87.5
90.0
92.5
100.0
100
60
20
40
Iout (A)
0
2.0
1.5
1.0
0.1
0.5
80
Vin = 26V
Vin = 12V
Vin = 9V
Iout (A)
2.0
1.5
1.0
0.1
0.5
Vin = 12V
Vin = 24V
Vin = 38V
Vin = 9V
80
60
70
50
82.5
85.0
87.5
90.0
92.5
100
R-623.3 / R-613.3
Efficiency vs Output Current
R-625.0 / R-615.0
Efficiency vs Output Current
100
60
20
40
Iout (A)
0
2.0
1.5
1.0
0.1
0.5
80
Vin = 24V
Vin = 12V
Vin = 9V
Vin = 38V
R-623.3 / R-613.3
Ripple vs Output Current
R-625.0 / R-615.0
Ripple vs Output Current
Package Style and Pinning (mm)
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.7
4.0
15.00
32.20
10 11 12
9.1
0.2
Bottom
View
4.0
0.7
0.7
1 2 3 4 5 6 7 8 9
2.54
0.7
15.00
32.20
10 11 12
9.1
0.2
RECOM
R- 615.0P
RECOM
R- 615.0D
2.13
2.13
SIP12 PIN Package
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10, 11
Vout
Power output
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Tolerance: xx.x
±0.5mm
xx.xx
±0.25mm
www.recom-power.com
I-53
REV: 1/2016


유사한 부품 번호 - R-611.8X

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-611.8D RECOM-R-611.8D Datasheet
83Kb / 4P
INNOLINE DC/DC-Converter
R-611.8D RECOM-R-611.8D Datasheet
93Kb / 4P
1-2 AMP SIP12 Vertical & Horizontal
R-611.8D RECOM-R-611.8D Datasheet
91Kb / 4P
1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
93Kb / 4P
1-2 AMP SIP12 Vertical & Horizontal
More results

유사한 설명 - R-611.8X

제조업체부품명데이터시트상세설명
logo
Rohm
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
Voltage Detector IC Adjustable Output Delay
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
[100mA /Adjustable Output] Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
Texas Instruments
PT6211P TI-PT6211P Datasheet
497Kb / 8P
90% Efficiency Adjustable Output Voltage
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
July 2013 Rev 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com