전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2,54R03 데이터시트(PDF) 4 Page - Lumberg

부품명 2,54R03
상세설명  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54R03 데이터시트(HTML) 4 Page - Lumberg

  2,54R03 Datasheet HTML 1Page - Lumberg 2,54R03 Datasheet HTML 2Page - Lumberg 2,54R03 Datasheet HTML 3Page - Lumberg 2,54R03 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51 2,54 R
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 R 39
39
200
5000
2,54 R 40
40
200
5000
2,54 R 41
41
200
5000
2,54 R 42
42
200
5000
2,54 R 43
43
200
5000
2,54 R 44
44
200
5000
2,54 R 45
45
200
5000
2,54 R 46
46
200
5000
2,54 R 47
47
200
5000
2,54 R 48
48
200
5000
2,54 R 49
49
200
5000
2,54 R 50
50
200
5000
2,54 R 51
51
200
5000
2,54 R 52
52
200
5000
2,54 R 53
53
200
5000
2,54 R 54
54
200
5000
2,54 R 55
55
200
5000
2,54 R 56
56
200
5000
2,54 R 57
57
200
5000
2,54 R 58
58
200
5000
2,54 R 59
59
200
5000
2,54 R 60
60
200
5000
2,54 R 61
61
200
5000
2,54 R 62
62
200
5000
2,54 R 63
63
200
5000
Packaging:
in bulk, in a cardboard box
of 4


유사한 부품 번호 - 2,54R03

제조업체부품명데이터시트상세설명
logo
Lumberg
2,54R LUMBERG-2,54R Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RF LUMBERG-2,54RF Datasheet
401Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RF LUMBERG-2,54RF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RF03 LUMBERG-2,54RF03 Datasheet
401Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RF04 LUMBERG-2,54RF04 Datasheet
401Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

유사한 설명 - 2,54R03

제조업체부품명데이터시트상세설명
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com