전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2,54RF 데이터시트(PDF) 4 Page - Lumberg

부품명 2,54RF
상세설명  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54RF 데이터시트(HTML) 4 Page - Lumberg

  2,54RF Datasheet HTML 1Page - Lumberg 2,54RF Datasheet HTML 2Page - Lumberg 2,54RF Datasheet HTML 3Page - Lumberg 2,54RF Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
51 2,54 RF
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 RF 39
39
200
5000
2,54 RF 40
40
200
5000
2,54 RF 41
41
200
5000
2,54 RF 42
42
200
5000
2,54 RF 43
43
200
5000
2,54 RF 44
44
200
5000
2,54 RF 45
45
200
5000
2,54 RF 46
46
200
5000
2,54 RF 47
47
200
5000
2,54 RF 48
48
200
5000
2,54 RF 49
49
200
5000
2,54 RF 50
50
200
5000
2,54 RF 51
51
200
5000
2,54 RF 52
52
200
5000
2,54 RF 53
53
200
5000
2,54 RF 54
54
200
5000
2,54 RF 55
55
200
5000
2,54 RF 56
56
200
5000
2,54 RF 57
57
200
5000
2,54 RF 58
58
200
5000
2,54 RF 59
59
200
5000
2,54 RF 60
60
200
5000
2,54 RF 61
61
200
5000
Packaging:
in bulk, in a cardboard box
of 4


유사한 부품 번호 - 2,54RF

제조업체부품명데이터시트상세설명
logo
Lumberg
2,54RF LUMBERG-2,54RF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL03 LUMBERG-2,54RFL03 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL04 LUMBERG-2,54RFL04 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

유사한 설명 - 2,54RF

제조업체부품명데이터시트상세설명
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com