| 전자부품 데이터시트 검색엔진 |
|
MB91F525DLCPMC 데이터시트(PDF) 159 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DLCPMC 데이터시트(HTML) 159 Page - Cypress Semiconductor |
|
159 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 159 of 280 MB91520 Series Parameter Symbol Pin Name Conditions Value Unit Remarks Min Max SCS↓→SCK↓ setup time tCSSE SCK1 to SCK11 SCS1 to SCS3, SCS40 to SCS43, SCS50 to SCS53, SCS60 to SCS63, SCS70 to SCS73, SCS8 to SCS11 - 3tCPP+30 - ns External shift clock mode output pin: CL = 50 pF SCK↑→SCS↑ hold time tCSHE +0 - ns SCS deselect time tCSDE SCS1 to SCS3, SCS40 to SCS43, SCS50 to SCS53, SCS60 to SCS63, SCS70 to SCS73, SCS8 to SCS11 3tCPP+30 - ns SCS↓→SOT delay time tDSE SCS1 , SCS2, SCS50 to SCS53, SCS60 to SCS63, SCS70 to SCS73, SCS8 to SCS11 SOT1 , SOT2 , SOT5 to SOT11 - 40 ns SCS3, SCS40 to SCS43 SOT3 , SOT4 - 300 ns SCS↑→SOT delay time tDEE SCS1 to SCS3, SCS40 to SCS43, SCS50 to SCS53, SCS60 to SCS63, SCS70 to SCS73, SCS8 to SCS11 SOT1 to SOT11 - +0 - ns External shift clock mode output pin: CL = 50 pF SCK↓→SCS↓ clock switch time tSCC SCK1 , SCK2, SCK5 to SCK11 SCS1 , SCS2, SCS50 to SCS53, SCS60 to SCS63, SCS70 to SCS73, SCS8 to SCS11 - 3tCPP-10 3tCPP+50 ns Internal shift clock mode Round operation output pin: CL = 50 pF SCK3 , SCK4 SCS3 , SCS40 to SCS43 3tCPP-300 3tCPP+50 ns *1: tCSSU = SCSTR:CSSU7-0×Serial chip select timing operating clock *2: tCSHD = SCSTR:CSHD7-0×Serial chip select timing operating clock *3: tCSDS = SCSTR:CSDS15-0×Serial chip select timing operating clock Regardless of the deselect time setting, once after the serial chip select pin becomes inactive, it will take at least five peripheral bus clock cycles to be active again Please see the hardware manual for details of above-mentioned *1,*2, and *3. |