| 전자부품 데이터시트 검색엔진 |
|
MB91F525LWDPMC 데이터시트(PDF) 116 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LWDPMC 데이터시트(HTML) 116 Page - Cypress Semiconductor |
|
116 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 116 of 280 MB91520 Series Interrupt Factor Interrupt Number Interrupt Level Offset Default Address for TBR RN Decimal Hexa Decimal System reserved (Used for REALOS) 64 40 - 2FCH 000FFEFCH - System reserved (Used for REALOS) 65 41 - 2F8H 000FFEF8H - Used with the INT instruction 66 | 255 42 | FF - 2F4H | 000H 000FFEF4H | 000FFC00H - Note: It does not support a DMA transfer request caused by an interrupt generated from a peripheral to which no RN (Resource Number) is assigned. *1: It does not support a DMA transfer by the status of the multi-function serial interface and I2C reception. *2: Reload timer ch.4 to ch.7 do not support a DMA transfer by the interrupt. *3: PPG ch.24 to ch.47 do not support a DMA transfer by the interrupt. *4: The clock calibration unit does not support a DMA transfer by the interrupt. *5: 32-bit Free-run timer ch.3, ch.4 and ch.5 do not support a DMA transfer by the interrupt. *6: There is no resource corresponding to the interrupt level. *7: It does not support a DMA transfer by the external low-voltage detection interrupt. |