| 전자부품 데이터시트 검색엔진 |
|
MB91F525LSDPMC 데이터시트(PDF) 230 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LSDPMC 데이터시트(HTML) 230 Page - Cypress Semiconductor |
|
230 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 230 of 280 MB91520 Series Page Section Change Results 158,161, 164,167 ■ELECTRICAL CHARACTERISTICS 4. AC characteristics (4) Multi-function Serial (4-1) CSIO timing (4-1-5),(4-1-6),(4-1-7),(4-1-8) (4-1- 5)SCS↓⇒SCK↓ setup time tCSSI (4-1- 6)SCS↓⇒SCK↑ setup time tCSSI (4-1- 7)SCS↑⇒SCK↓ setup time tCSSI (4-1- 8)SCS↑⇒SCK↑ setup time tCSSI Corrected the following description. Pin name: SCK1 to SCK11 SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11 Value: Min tCSSU+0 Max tCSSU+50 ↓ Pin name: SCK1,SCK2,SCK5 to SCK11 SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11 Value: Min tCSSU-50 Max tCSSU+0 Pin name: SCK3,SCK4 SCS3,SCS40 to SCS43 Value: Min tCSSU-50 Max tCSSU+300 158,161, 164,167 ■ELECTRICAL CHARACTERISTICS 4. AC characteristics (4) Multi-function Serial (4-1) CSIO timing (4-1-5),(4-1-6),(4-1-7),(4-1-8) (4-1- 5)SCK↑⇒SCS↑hold time tCSHI (4-1- 6)SCK↓⇒SCS↑hold time tCSHI (4-1- 7)SCK↑⇒SCS↓hold time tCSHI (4-1- 8)SCK↓⇒SCS↓hold time tCSHI Corrected the following description. Pin name: SCK1 to SCK11 SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11 Value: Min tCSHD-50 Max tCSHD+0 ↓ Pin name: SCK1,SCK2,SCK5 to SCK11 SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11 Value: Min tCSHD-10 Max tCSHD+50 Pin name: SCK3,SCK4 SCS3,SCS40 to SCS43 Value: Min tCSHD-300 Max tCSHD+50 158,161, 164,167 ■ELECTRICAL CHARACTERISTICS 4. AC characteristics (4) Multi-function Serial (4-1) CSIO timing (4-1-5),(4-1-6),(4-1-7),(4-1-8) (4-1-5),(4-1- 6)SCS↓⇒SOT delay time tDSE (4-1-7),(4-1-8) SCS↑⇒SOT delay time tDSE Corrected the following description. Pin name: SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to SCS11 SOT1 to SOT11 Value: Min - Max 40 ↓ Pin name: SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73, SCS8 to SCS11 SOT1,SOT2,SOT5 to SOT11 Value: Min - Max 40 Pin name: SCS3,SCS40 to SCS43 SOT3,SOT4 Value: Min - Max 300 |