전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TM0508A 데이터시트(PDF) 2 Page - Lumberg

부품명 TM0508A
상세설명  Miniature circular connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

TM0508A 데이터시트(HTML) 2 Page - Lumberg

  TM0508A Datasheet HTML 1Page - Lumberg TM0508A Datasheet HTML 2Page - Lumberg TM0508A Datasheet HTML 3Page - Lumberg TM0508A Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
01 TM 0508 A
12/2017
2
Printed circuit board layouts, solder side view
TM 0508 A/5
TM 0508 A/6
TM 0508 A/7
TM 0508 A/8
TM 0508 A/3
TM 0508 A/4
Pin configuration
TM 0508 A/3 TM 0508 A/4 TM 0508 A/5 TM 0508 A/6 TM 0508 A/7 TM 0508 A/8
Environmental conditions
Temperature range
-25 °C/+80 °C
Materials
Insulating body
PBT, V-0 according to UL94
Contact bush
Cu alloy, silver-plated/nickel-
plated/tin-plated
Housing
CuZn, tin-plated
Cover
PBT, V-0 according to UL94
Mechanical data
Mating cycles
≥ 1000
Insertion force
9,8–49 N 1
Withdrawal force
7,8–34,3 N 1
1
± 30 % after test
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 30 mΩ
Rated current
≤ 1 A AC
≤ 2 A DC
Rated voltage
≤ 100 V AC
≤ 12 V DC
Rated impulse voltage
250 V AC/60 s
Insulation resistance
≥ 50 MΩ
Associated products
Counterparts
MP-371
of 4


유사한 부품 번호 - TM0508A

제조업체부품명데이터시트상세설명
logo
GSR Technology Ltd
TM050JDHG33 GSR-TM050JDHG33 Datasheet
320Kb / 2P
TFT Modules
TM050QDH03 GSR-TM050QDH03 Datasheet
263Kb / 2P
TFT Modules
TM050RDH03 GSR-TM050RDH03 Datasheet
333Kb / 2P
TFT Modules
More results

유사한 설명 - TM0508A

제조업체부품명데이터시트상세설명
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
Miniature circular connectors
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
Miniature circular connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com