전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DC100 데이터시트(PDF) 2 Page - Wall Industries,Inc.

부품명 DC100
상세설명  2:1 Wide Input Voltage Ranges
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DC100 데이터시트(HTML) 2 Page - Wall Industries,Inc.

  DC100 Datasheet HTML 1Page - Wall Industries,Inc. DC100 Datasheet HTML 2Page - Wall Industries,Inc. DC100 Datasheet HTML 3Page - Wall Industries,Inc. DC100 Datasheet HTML 4Page - Wall Industries,Inc. DC100 Datasheet HTML 5Page - Wall Industries,Inc. DC100 Datasheet HTML 6Page - Wall Industries,Inc. DC100 Datasheet HTML 7Page - Wall Industries,Inc. DC100 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. C
DC100 Series
2:1 Input Voltage Ranges
Up to 100 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/23/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 8
SPECIFICATIONS: DC100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
12VDC nominal input models
9
24VDC nominal input models
18
Start-up Voltage
48VDC nominal input models
36
VDC
12VDC nominal input models
7.5
24VDC nominal input models
16
Shutdown Voltage
48VDC nominal input models
34
VDC
12VDC nominal input models
36
24VDC nominal input models
50
Input Surge Voltage (100ms)
48VDC nominal input models
100
VDC
Input Current
No Load
See Table
Input Filter (See Note 11)
Pi Type
Input Reverse Protection (See Note 14)
Parallel diode
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Accuracy
Full load an nominal Vin
-1
+1
%
Voltage Adjustability (See Note 7)
-20
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (peak to peak)
20MHz Bandwidth
See Table
Transient Response Recovery Time
25% load step change
200
µs
Power Up
25
ms
Start-Up Time
Remote On/Off
Nominal input and constant resistive load
25
ms
Remote Sense (See Note 8)
10
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection Threshold
Hiccup
115
130
% Vo
Over Current Protection Threshold
110
140
% Io
Short Circuit Protection
Hiccup, automatic recovery
Over Temperature Protection
+115
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
255
300
330
KHz
I/P to O/P (Basic Insulation) For 1 minute
2250
VDC
I/P to Case
For 1 minute
1600
VDC
Isolation Voltage
O/P to Case
For 1 minute
1600
VDC
Isolation Resistance
1
GΩ
Isolation Capacitance
2500
pF
Maximum Capacitive Load
Minimum input and constant resistive load
See Table


유사한 부품 번호 - DC100

제조업체부품명데이터시트상세설명
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Hammond Manufacturing L...
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
36Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

유사한 설명 - DC100

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RS3 RECOM-RS3 Datasheet
123Kb / 3P
2:1 and 3:1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com