전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DC100 데이터시트(PDF) 5 Page - Wall Industries,Inc.

부품명 DC100
상세설명  2:1 Wide Input Voltage Ranges
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DC100 데이터시트(HTML) 5 Page - Wall Industries,Inc.

  DC100 Datasheet HTML 1Page - Wall Industries,Inc. DC100 Datasheet HTML 2Page - Wall Industries,Inc. DC100 Datasheet HTML 3Page - Wall Industries,Inc. DC100 Datasheet HTML 4Page - Wall Industries,Inc. DC100 Datasheet HTML 5Page - Wall Industries,Inc. DC100 Datasheet HTML 6Page - Wall Industries,Inc. DC100 Datasheet HTML 7Page - Wall Industries,Inc. DC100 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. C
DC100 Series
2:1 Input Voltage Ranges
Up to 100 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/23/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 8
DERATING CURVES
Natural Convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
Natural Convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
Natural Convection (20LFM)
100LFM
200LFM
300LFM
400LFM
500LFM
120
100
80
60
40
20
0
120
100
80
60
40
20
0
120
100
80
60
40
20
0
-40
20
40
60
80
100
120
-40
20
40
60
80
100
120
-40
20
40
60
80
100
120
Ambient Temperature (°C)
Ambient Temperature (°C)
Ambient Temperature (°C)
DC100-48S05 Derating Curve
DC100-48S05 Derating Curve
With 0.24” Height Heatsink (See Note 9)
DC100-48S05 Derating Curve
With 0.45” Height Heatsink (See Note 9)
EFFICIENCY GRAPHS
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
92.5
95.0
10
20
30
40
50
60
70
80
90
100
Vin = 18V
Vin = 24V
Vin = 48V
Vin = 75V
79.00
80.25
81.50
82.75
84.00
85.25
86.50
87.75
89.00
90.25
91.50
92.75
94.00
36
40
44
48
52
56
60
64
68
72
75
Iout = 100% F.L.
Iout = 50% F.L.
Iout = 25% F.L.
Input Voltage (VDC)
% of Full Load
DC100-48S05 Efficiency vs Input Voltage
DC100-48S05 Efficiency vs Output Load
OUTPUT VOLTAGE ADJUSTMENT
Output is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting an external resistor between
the TRIM pin and either the +SENSE or -SENSE pins. With an external resistor between the TRIM and -SENSE pin, the
output voltage set decreases. With an external between the TRIM and -SENSE pin, the output voltage set point increases.
Maximum output deviation is +10% inclusive of remote sense. The value of the external resistor can be obtained by the
equations below. The external TRIM resistor needs to be at least 1/8W resistor.
TRIM UP
TRIM DOWN
K
RD
2
%
100
 


K
V
R
OUT
U
%
%
2
100
%
225
.
1
%
100


유사한 부품 번호 - DC100

제조업체부품명데이터시트상세설명
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Hammond Manufacturing L...
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
36Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

유사한 설명 - DC100

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RS3 RECOM-RS3 Datasheet
123Kb / 3P
2:1 and 3:1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com