전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DC100-12S05 데이터시트(PDF) 3 Page - Wall Industries,Inc.

부품명 DC100-12S05
상세설명  2:1 Wide Input Voltage Ranges
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DC100-12S05 데이터시트(HTML) 3 Page - Wall Industries,Inc.

  DC100-12S05 Datasheet HTML 1Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 2Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 3Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 4Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 5Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 6Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 7Page - Wall Industries,Inc. DC100-12S05 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. C
DC100 Series
2:1 Input Voltage Ranges
Up to 100 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/23/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 8
SPECIFICATIONS: DC100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL (See Note 6)
DC/DC ON
Open or 3V < Vr < 12V
Positive Logic (standard)
DC/DC OFF
Short or 0V < Vr < 1.2V
DC/DC ON
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC OFF
Open or 3V < Vr < 12V
Input Current of Remote Control Pin
Nominal Vin
-0.5
1
mA
Remote Off State Input Current
Nominal Vin
3
mA
ENVIRONMENTAL SPECIFICATIONS
Standard
-40
+115
Operating Case Temperature Range
Terminal Block type
-40
+105
°C
Standard
-55
+125
Storage Temperature
Terminal Block type
-40
+105
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Standard
6.7
With 0.24” Heatsink
5.4
Thermal Impedance (See Note 9)
With 0.45” Heatsink
4.7
°C/Watt
BELLCORE TR-NWT-000332
1,010,000 hours
MTBF (See Note 1)
MIL-HDBK-217F
74,160 hours
PHYSICAL SPECIFICATIONS
Standard
3.42oz (97g)
“T” suffix models
7.05oz (200g)
“TF” suffix models
8.47oz (240g)
Weight
“TF1” suffix models
26.10oz (740g)
Standard
2.4x2.28x0.5 inches (61x57.9x12.7 mm)
“T” suffix models
3.35x2.4x1.1 inches (85x61x28 mm)
“TF” suffix models
3.35x2.4x1.27 inches (85x61x32.3 mm)
Dimensions (L x W x H)
“TF1” suffix models
4x3.5x3.5 inches (101.6x88.9x88.9 mm)
Case Material
Metal
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
Standard
EN55022
Class A
EMI (See Note 11)
TF or TF1 Option
EN55022
Class A
Air ±8KV
ESD
EN61000-4-2
Contact ±6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 11)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 11)
EN61000-4-5
EN55024
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


유사한 부품 번호 - DC100-12S05

제조업체부품명데이터시트상세설명
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
logo
Kingston Technology Far...
DC1000B KINGSTON-DC1000B Datasheet
357Kb / 2P
DC1000B M.2 NVME SSD
logo
Hammond Manufacturing L...
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
DC10024RAIL HAMMOND-DC10024RAIL Datasheet
36Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

유사한 설명 - DC100-12S05

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RS3 RECOM-RS3 Datasheet
123Kb / 3P
2:1 and 3:1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com