전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH3162F 데이터시트(PDF) 7 Page - OSRAM GmbH

부품명 SFH3162F
상세설명  Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3162F 데이터시트(HTML) 7 Page - OSRAM GmbH

  SFH3162F Datasheet HTML 1Page - OSRAM GmbH SFH3162F Datasheet HTML 2Page - OSRAM GmbH SFH3162F Datasheet HTML 3Page - OSRAM GmbH SFH3162F Datasheet HTML 4Page - OSRAM GmbH SFH3162F Datasheet HTML 5Page - OSRAM GmbH SFH3162F Datasheet HTML 6Page - OSRAM GmbH SFH3162F Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SFH 3162 F
2007-08-08
7
Lötbedingungen
Soldering Conditions
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


유사한 부품 번호 - SFH3162F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH3163F OSRAM-SFH3163F Datasheet
243Kb / 7P
Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
More results

유사한 설명 - SFH3162F

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
SFH3163F OSRAM-SFH3163F Datasheet
243Kb / 7P
Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com