전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP3225SB 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 NP3225SB
상세설명  Simple Packaged Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP3225SB 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  NP3225SB_18 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
Item
Model
NP3225SB
Output Specification
LVDS
Nominal Frequency Range (MHz)
100 to 170
Overall Frequency Tolerance *1
Max. ±50 ×10-6
Operating Temperature Range (°C)
−40 to +85
Supply Voltage [VCC] (V)
+2.5 ± 5 %
+3.3 ± 10 %
Current
Consumption
Enable (mA)
Max. 40 (STAND-BY=VCC or OPEN, RL=100Ω)
Stand-by (μA)
Max. 15 (STAND-BY=GND)
Output Voltage (V)
VOD1 : VOD2 : +0.247 to +0.454V (Diffencial output voltage)
∆VOD : Max. 50mV (Diffencial output voltage)
VOS1, VOS2 : +1.125 to +1.375V (Diffencial output voltage)
∆VOS : Max. 50mV (Diffencial output voltage)
Rise Time / Fall Time (ns)
Max. 0.4 (20 to 80% Waveform)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output Load [RL] (Ω)
100 (Diffencial output voltage)
Start-up Time (ms)
Max. 10
Phase Jitter (ps)
Max. 1 (Offset Frequency : 12kHz to 20MHz)
Specification Number
NSC5081A
NSC5081B
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
Specifications
1710C_NP3225SB_e
NP3225SB
Simple Packaged Crystal Oscillator (SPXO)
For Automotive CCD camera, Image processing, Memory, FPGA, Ground equipment
for satellite communication and Digital terrestrial television broadcasting equipment
● Differential Output SPXO
● Compact dimension 3.2 × 2.5 × 0.9 mm
● Supply Voltage : +2.5V or +3.3V
● Output Specification : LVDS
● Excellent low phase jitter (Typ. 120fs @156.25MHz)
Features
Main Application
Dimensions
Symmetry = t/T × 100
[%]
VOD = VOD1 − VOD2 │
VOS = VOS1 − VOS2 │
OUTN
OUT
VOS1
VOS2
80%
20%
Tf
Tr
t
T
VOD1
VOD2
Output waveform
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
Standby Function Table (Three-state)
Please specify the model name, frequency, and specification number when
you order products.
For further questions regarding specifications, please feel free to contact us.
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.0 V
Storage Temperature Range –55 to +125 °C
3.2±0.1
0.9
1.25
2.5
0.01F
0.8
Land pattern (Typical)
(2.34)
#1
#2
#3
#6
#5
#4
0.6±0.1
0.5±0.1
C0.30
mm
#1
#2
#3
STAND-BY
GND
NC
#4
#5
#6
OUTPUT
Vcc
OUTPUT
Terminal land connections


유사한 부품 번호 - NP3225SB_18

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NP3225SB NDK-NP3225SB Datasheet
587Kb / 1P
Crystal Oscillator
More results

유사한 설명 - NP3225SB_18

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA_18 Datasheet
601Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SA NDK-NP3225SA_18 Datasheet
620Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SC NDK-NP5032SC_18 Datasheet
593Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SC NDK-NP3225SC_18 Datasheet
621Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SB NDK-NP5032SB Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
7311S-GF NDK-7311S-GF Datasheet
88Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-DG NDK-7311S-DG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
NP5032SA NDK-NP5032SA Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com