전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFC75C1472CE 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 WFC75C1472CE
상세설명  For Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

WFC75C1472CE 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  WFC75C1472CE Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SAW Device
1803A_WFC75C1472CE_e
WFC75C1472CE
For Automotive
●SAWFilterforSatelliteradio.
●Excellentout-bandattenuation.
●Compact.(3.0×3.0mm)
Features
Model
WFC75C1472CE
Item
min.
typ.
max.
NominalFrequency:f0(MHz)
1472
InsertionAttenuation(dB)
1452to1492MHz
1.8
2.6
PassBandRipple(dB)
1452to1492MHz
0.3
1.6
VSWR
1452to1492MHz
1.7
2.1
GuaranteedAttenuation(dB)
500to1262MHz
34
40
1262to1382MHz
25
35
1382to1398MHz
25
36
1398to1414MHz
20
34
1547to1580MHz
21
30
1580to2200MHz
25
31
OperatingTemperatureRange(°C)
−40to+125
TerminatingImpedance(Ω)
50
Specifications
mm
Others
GND
2
INPUT
5
OUTPUT
6–0.6±0.15
2–1.6±0.15
3
1
2
4
6
5
3.0±0.2
1.15
1.15
0.8
0.7
0.8
Land pattern (Typical)
Terminal land connections
CH1
CH1 A/R LOG MAG
REF 0.000 dB
1.000 dB/
CENTER(MHz) 1472.0000 SPAN(MHz) 200.000
[In-band characteristics]
Characteristics
Dimensions
CH1
CH1 A/R LOG MAG
REF 0.000 dB
10.000 dB/
CENTER(MHz) 1472.0000 SPAN(MHz) 1000.000
[Out-of-band characteristics]
3.0±0.1


유사한 부품 번호 - WFC75C1472CE

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
WFC75A1472CE NDK-WFC75A1472CE Datasheet
431Kb / 1P
SAW Device
More results

유사한 설명 - WFC75C1472CE

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NX3225GB NDK-NX3225GB Datasheet
301Kb / 1P
For Automotive
NX5032SD NDK-NX5032SD_15 Datasheet
293Kb / 1P
For Automotive
NX3225SC NDK-NX3225SC_16 Datasheet
688Kb / 1P
For Automotive
NX3225SA NDK-NX3225SA_16 Datasheet
718Kb / 1P
For Automotive
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
For Automotive
NX5032SD NDK-NX5032SD_16 Datasheet
696Kb / 1P
For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
For Automotive
WFC68K0433CJ NDK-WFC68K0433CJ_18 Datasheet
987Kb / 2P
For Automotive
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com