전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAHP2835WE13 데이터시트(PDF) 6 Page - Everlight Electronics Co., Ltd

부품명 EAHP2835WE13
상세설명  Top view white LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAHP2835WE13 데이터시트(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button EAHP2835WE13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAHP2835WE13 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DATASHEET
SMD  PLCC
EAHP2835WE13
6
Copyright © 2016,
Everlight Americas Inc. Release Date: 19.Jan. 2016. Issue No:
Issue No:
www.everlightamericas.com
The C.I.E. 1931 Chromaticity Diagram
0.422 0.424 0.426 0.428 0.430 0.432 0.434 0.436 0.438 0.440 0.442 0.444 0.446
0.390
0.395
0.400
0.405
0.410
0.415
CIE_x
30M3
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
3000K
30M3
0.4267
0.3946
0.4328
0.4079
0.4422
0.4113
0.4355
0.3977
Reference Range: 2960K~3080K


유사한 부품 번호 - EAHP2835WE13

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAHP2835WE03 EVERLIGHT-EAHP2835WE03 Datasheet
545Kb / 18P
   Top view white LED
EAHP2835WE33 EVERLIGHT-EAHP2835WE33 Datasheet
546Kb / 18P
   Top view white LED
EAHP2835WE43 EVERLIGHT-EAHP2835WE43 Datasheet
414Kb / 18P
   Top view white LED
EAHP2835WE53 EVERLIGHT-EAHP2835WE53 Datasheet
397Kb / 18P
   Top view white LED
EAHP2835WE63 EVERLIGHT-EAHP2835WE63 Datasheet
546Kb / 18P
   Top view white LED
More results

유사한 설명 - EAHP2835WE13

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAHP2835WE43 EVERLIGHT-EAHP2835WE43 Datasheet
414Kb / 18P
   Top view white LED
EAHP2835WE63 EVERLIGHT-EAHP2835WE63 Datasheet
546Kb / 18P
   Top view white LED
EAHP5630WE2 EVERLIGHT-EAHP5630WE2 Datasheet
483Kb / 16P
   Top view white LED
EA3030K1E0365EX3 EVERLIGHT-EA3030K1E0365EX3 Datasheet
521Kb / 15P
   Top view white LED
logo
HB Electronic Component...
PLCC5630-W3 HB-PLCC5630-W3 Datasheet
1Mb / 14P
   Top view white LED
logo
Everlight Electronics C...
EAHE2835WD33 EVERLIGHT-EAHE2835WD33 Datasheet
316Kb / 17P
   Top view white LED
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
EAHP2835WE53 EVERLIGHT-EAHP2835WE53 Datasheet
397Kb / 18P
   Top view white LED
EAHP2835WE03 EVERLIGHT-EAHP2835WE03 Datasheet
545Kb / 18P
   Top view white LED
EAHP2835WE33 EVERLIGHT-EAHP2835WE33 Datasheet
546Kb / 18P
   Top view white LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com