전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72F521R6TC 데이터시트(PDF) 198 Page - STMicroelectronics

부품명 ST72F521R6TC
상세설명  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC 데이터시트(HTML) 198 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 191Page - STMicroelectronics ST72F521R6TC Datasheet HTML 192Page - STMicroelectronics ST72F521R6TC Datasheet HTML 193Page - STMicroelectronics ST72F521R6TC Datasheet HTML 194Page - STMicroelectronics ST72F521R6TC Datasheet HTML 195Page - STMicroelectronics ST72F521R6TC Datasheet HTML 196Page - STMicroelectronics ST72F521R6TC Datasheet HTML 197Page - STMicroelectronics ST72F521R6TC Datasheet HTML 198Page - STMicroelectronics ST72F521R6TC Datasheet HTML 199Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 198 / 199 page
background image
ST72521M/R/AR
198/199
15 SUMMARY OF CHANGES
Revision
Main Changes
Date
1.6
Changed ITSPR register names to ISPR in Table 2 on page 15
Modified CSS functional description (Glitch filtering with PLL on) in Section 6.4.3 on page 31
Removed AVD interrupt Exit from Halt capability in Section 6.4.4.1 on page 31
VPP absolute max changed from 14 to 13V in Section 12.2 on page 155.
Modified IDD max values in Section 12.4 on page 159
Removed description of low and medium thresholds. Updated LVD min rise time rate. Added
note and figure on LVD startup behaviour in Section 12.3 on page 156
Updated ADC accuracy data and modified note on negative current injection in Section 10.9
on page 144
Updated PLL characteristics Section 12.5.6 on page 168
External Reset stretch min value changed to 0. in Section 12.9 on page 178
Changed presentation of Option bytes: Byte 0 is displayed left of Byte 1. Option byte default
value changed (AVD/LVD on) in section
Section 14.1 on page 191
Oct 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More