전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAHP5630BA0 데이터시트(PDF) 3 Page - Everlight Electronics Co., Ltd

부품명 EAHP5630BA0
상세설명  Technical Data Sheet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAHP5630BA0 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAHP5630BA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-12-09 13:39:48.0
DATASHEET
SMD  Technical Data Sheet
EAHP5630BA0
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 04.Dec.2014. Issue No: DSE-0012481
www.everlight.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
1420
-----
2850
mcd
IF=150mA
Viewing Angle
1/2
-----
120
-----
deg
IF=150mA
Peak Wavelength
λp
-----
468
-----
nm
IF=150mA
Dominant Wavelength
λd
449
----
458
nm
IF=150mA
Spectrum Radiation Bandwidth
Δλ
-----
25
-----
nm
IF=150mA
Forward Voltage
VF
2.75
----
3.65
V
IF=150mA
Reverse Current
IR
-----
-----
10
μA
VR=5V
Note:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1nm
3. Tolerance of Forward Voltage: ±0.1V
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
W2
1420
1800
mcd
IF =150mA
X1
1800
2250
X2
2250
2850
Note:
Tolerance of Luminous Intensity: ±11%
Bin Range of Dominant Wavelength
Bin Code
Min.
Max.
Unit
Condition
C2
449
452
nm
IF =150mA
C3
452
455
C4
455
458
Note:
Tolerance of Dominant Wavelength: ±1nm


유사한 부품 번호 - EAHP5630BA0

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630WE2 EVERLIGHT-EAHP5630WE2 Datasheet
483Kb / 16P
   Top view white LED
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
More results

유사한 설명 - EAHP5630BA0

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com