전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAHP5630BA0 데이터시트(PDF) 10 Page - Everlight Electronics Co., Ltd

부품명 EAHP5630BA0
상세설명  Technical Data Sheet
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAHP5630BA0 데이터시트(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EAHP5630BA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAHP5630BA0 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-12-09 13:39:48.0
DATASHEET
SMD  Technical Data Sheet
EAHP5630BA0
10
Copyright © 2010, Everlight All Rights Reserved. Release Date : 04.Dec.2014. Issue No: DSE-0012481
www.everlight.com
than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be
careful because the damage of the product is often started at the time of the hand solder.
5. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head
soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of
the LEDs will or will not be damaged by repairing.
Application Restrictions
High reliability applications such as military/aerospace, automotive safety/security systems,
and medical equipment may require different product. If you have any concerns, please contact
Everlight before using this product in your application. This specification guarantees the quality
and performance of the product as an individual component. Do not use this product beyond the
specification described in this document.
Revision History
Rev.
Modified date
File modified contents
1
2014/12/04
New Spec


유사한 부품 번호 - EAHP5630BA0

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630WE2 EVERLIGHT-EAHP5630WE2 Datasheet
483Kb / 16P
   Top view white LED
EAHP5630WE4 EVERLIGHT-EAHP5630WE4 Datasheet
483Kb / 16P
   Top view white LED
More results

유사한 설명 - EAHP5630BA0

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com