전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HR25A 데이터시트(PDF) 1 Page - Hirose Electric

부품명 HR25A
상세설명  Miniature Push-Pull Circular Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR25A 데이터시트(HTML) 1 Page - Hirose Electric

  HR25A Datasheet HTML 1Page - Hirose Electric HR25A Datasheet HTML 2Page - Hirose Electric HR25A Datasheet HTML 3Page - Hirose Electric HR25A Datasheet HTML 4Page - Hirose Electric HR25A Datasheet HTML 5Page - Hirose Electric HR25A Datasheet HTML 6Page - Hirose Electric HR25A Datasheet HTML 7Page - Hirose Electric HR25A Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Miniature Push-Pull Circular Connectors
HR25A Series
2018.7
31.8
40.3
Mated dimensions
Features
1. Small size – high density
Outer diameters - plugs (max) :
11mm : 4, 6 and 8 positions
13mm : 12,16 and 20 positions
2. Simple push-in/ pull-out mating / un-mating
Polarized for correct insertion by a straight push-in movement.
Built-in lock release mechanism securely locks mated connectors while allowing quick disconnection by simply
pulling on the plug release collar.
3. Several mounting number of positions, styles and terminations
Number of positions : 4, 6, 8, 12, 16 and 20
Connector : Plug, jack, receptacle
Termination : Solder, crimp or PCB mounting type only for receptacle
Choice of socket or pin contacts for plugs and receptacles.
4. Metal shells
Secure lock between the metal shells provides excellent ground connection for the applications requiring EMI protection.
5. RoHS compliant
All materials used in are complaint with RoHS regulations.
Diagrams of Connectors in Combination
Plugs
Solder termination
Crimp termination
Solder termination
Crimp termination
Solder termination
Crimp termination
PCB mounting
Receptacles
Jacks
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
1


유사한 부품 번호 - HR25A

제조업체부품명데이터시트상세설명
logo
Hirose Electric
HR25A-7J-4P HIROSE-HR25A-7J-4P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
HR25A-7J-6P HIROSE-HR25A-7J-6P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
HR25A-7J-8P HIROSE-HR25A-7J-8P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
HR25A-7P-4P HIROSE-HR25A-7P-4P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
HR25A-7P-6P HIROSE-HR25A-7P-6P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
More results

유사한 설명 - HR25A

제조업체부품명데이터시트상세설명
logo
Hirose Electric
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
Push-Pull Circular Plastic Connectors
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
logo
Japan Aviation Electron...
JB5 JAE-JB5 Datasheet
739Kb / 8P
Compact Push-Pull Circular Connector
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
MXR HIROSE-MXR Datasheet
477Kb / 6P
Miniature push-pull connectors with ground function
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
Push-Pull Circular connectors
2018/12
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
logo
LEMO Connectors
EPA.00.250.NTN LEMO-EPA.00.250.NTN Datasheet
41Kb / 2P
Circular Push Pull Connectors STRT RECPT FOR PCB
logo
List of Unclassifed Man...
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com