전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB173 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BB173
상세설명  VHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB173 데이터시트(HTML) 2 Page - NXP Semiconductors

  BB173 Datasheet HTML 1Page - NXP Semiconductors BB173 Datasheet HTML 2Page - NXP Semiconductors BB173 Datasheet HTML 3Page - NXP Semiconductors BB173 Datasheet HTML 4Page - NXP Semiconductors BB173 Datasheet HTML 5Page - NXP Semiconductors BB173 Datasheet HTML 6Page - NXP Semiconductors BB173 Datasheet HTML 7Page - NXP Semiconductors BB173 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BB173
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 March 2013
2 of 8
NXP Semiconductors
BB173
VHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
[1]
See Figure 2.
[2]
See Figure 1 and Figure 3.
Table 3.
Marking
Type number
Marking code
BB173
CE
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min Max
Unit
VR
reverse voltage
-
32
V
peak value in series with a 10 k
 resistor
-
35
V
IF
forward current
-
20
mA
Tstg
storage temperature
55 +150 C
Tj
junction temperature
55 +125 C
Table 5.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
VR =30V
[1] --
10
nA
VR =30V; Tj =85 C
[1] --
200
nA
rs
diode series resistance
f = 100 MHz; Cd = 30 pF
-
0.65 0.8
Cd
diode capacitance
f = 1 MHz
[2]
VR = 1 V
34.65 -
42.35 pF
VR = 28 V
2.361 2.6
2.754 pF
Cd(1V)/Cd(2V)
diode capacitance ratio
(1 Vto2V)
f= 1MHz
-
1.3
-
Cd(1V)/Cd(28V)
diode capacitance ratio
(1 Vto28V)
f= 1MHz
13.5
15
-
Cd(25V)/Cd(28V) diode capacitance ratio
(25 V to 28 V)
f= 1MHz
-
1.08 -


유사한 부품 번호 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB173LX NXP-BB173LX Datasheet
229Kb / 9P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB173 PHILIPS-BB173_15 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
More results

유사한 설명 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com