전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB173 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BB173
상세설명  VHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB173 데이터시트(HTML) 3 Page - NXP Semiconductors

  BB173 Datasheet HTML 1Page - NXP Semiconductors BB173 Datasheet HTML 2Page - NXP Semiconductors BB173 Datasheet HTML 3Page - NXP Semiconductors BB173 Datasheet HTML 4Page - NXP Semiconductors BB173 Datasheet HTML 5Page - NXP Semiconductors BB173 Datasheet HTML 6Page - NXP Semiconductors BB173 Datasheet HTML 7Page - NXP Semiconductors BB173 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BB173
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 March 2013
3 of 8
NXP Semiconductors
BB173
VHF variable capacitance diode
f=1MHz; Tj =25 C.
Fig 1.
Diode capacitance as a function of reverse voltage; typical values.
Tj =0 C to 85 C.
Fig 2.
Reverse current as a function of junction
temperature; maximum values.
Fig 3.
Diode capacitance temperature coefficient as a
function of reverse voltage; typical values.
mbk438
20
30
10
40
50
Cd
(pF)
0
VR (V)
10−1
102
10
1
001aae541
102
10
103
IR
(nA)
1
Tj (°C)
0
100
80
40
60
20
VR (V)
10−1
102
10
1
001aag774
10−3
10−4
10−2
TCCd
(K−1)
10−5


유사한 부품 번호 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB173LX NXP-BB173LX Datasheet
229Kb / 9P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB173 PHILIPS-BB173_15 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
More results

유사한 설명 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com