전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB173 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BB173
상세설명  VHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB173 데이터시트(HTML) 1 Page - NXP Semiconductors

  BB173 Datasheet HTML 1Page - NXP Semiconductors BB173 Datasheet HTML 2Page - NXP Semiconductors BB173 Datasheet HTML 3Page - NXP Semiconductors BB173 Datasheet HTML 4Page - NXP Semiconductors BB173 Datasheet HTML 5Page - NXP Semiconductors BB173 Datasheet HTML 6Page - NXP Semiconductors BB173 Datasheet HTML 7Page - NXP Semiconductors BB173 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
The BB173 is a variable capacitance diode, fabricated in planar technology, and
encapsulated in the SOD523 (SC-79) ultra small SMD plastic package.
1.2 Features and benefits
Excellent linearity
Ultra small SMD plastic package
Cd(28V) = 2.6 pF; Cd(1V) to Cd(28V) ratio = 15
Very low series resistance
1.3 Applications
Voltage Controlled Oscillators (VCO)
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BB173
VHF variable capacitance diode
Rev. 1 — 25 March 2013
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym008
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BB173
SC-79
plastic surface-mounted package; 2 leads
SOD523


유사한 부품 번호 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB173LX NXP-BB173LX Datasheet
229Kb / 9P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB173 PHILIPS-BB173_15 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
More results

유사한 설명 - BB173

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com