전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UDA1384 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 UDA1384
상세설명  Multichannel audio coder-decoder
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1384 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button UDA1384 Datasheet HTML 3Page - NXP Semiconductors UDA1384 Datasheet HTML 4Page - NXP Semiconductors UDA1384 Datasheet HTML 5Page - NXP Semiconductors UDA1384 Datasheet HTML 6Page - NXP Semiconductors UDA1384 Datasheet HTML 7Page - NXP Semiconductors UDA1384 Datasheet HTML 8Page - NXP Semiconductors UDA1384 Datasheet HTML 9Page - NXP Semiconductors UDA1384 Datasheet HTML 10Page - NXP Semiconductors UDA1384 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
9397 750 14366
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 17 January 2005
7 of 55
Philips Semiconductors
UDA1384
Multichannel audio coder-decoder
8.
Functional description
8.1 System clock
The UDA1384 operates in slave mode only; this means that in all applications the system
must provide either the system clock (the bit clock for the voice ADC) or the word clock.
The audio ADC part, the voice ADC part and the DAC part can operate at different
sampling frequencies (DAC-WS and ADC-WS modes) as well as a common frequency
(SYSCLK, WSDA and DSD modes).
The voice ADC part supports a sampling frequency up to 50 kHz and the audio ADC
supports a sampling frequency up to 100 kHz. The DAC sampling frequency range is
extended up to 200 kHz with the range above 100 kHz being supported through 192 kHz
sampling mode, which halves the oversampling ratio of SYSCLK and internal clocks.
The mode of operation of the audio and voice channels can be set via the L3-bus or
I2C-bus microcontroller interface and are summarized in Table 5 and Table 6.
When applied, the system clock must be locked in frequency to the corresponding digital
interface clocks.
The voice ADC part can either receive or generate the WSV signal as shown in Table 6.
DIS
digital Schmitt-triggered input
DO
digital output
DS
digital supply
IIC
input and open-drain output for I2C-bus
Table 4:
Pin types …continued
Type
Description
Table 5:
Audio ADC and DAC operating clock mode
Mode
Audio ADC
Audio DAC
Clock
Frequency
Clock
Frequency
SYSCLK
SYSCLK
256fs, 384fs, 512fs or 768fs
SYSCLK
256fs, 384fs, 512fs or 768fs
SYSCLK
128fs, 192fs, 256fs or 384fs;
192 kHz sampling mode
DAC-WS
SYSCLK
256fs, 384fs, 512fs or 768fs
WSDA
1fs
ADC-WS
WSAD
1fs
SYSCLK
256fs, 384fs, 512fs or 768fs
SYSCLK
128fs, 192fs, 256fs or 384fs;
192 kHz sampling mode
WSDA
WSDA
1fs
WSDA
1fs
DSD
SYSCLK
44.1 kHz
× 512
SYSCLK
44.1 kHz
× 512
Table 6:
Voice ADC operating clock mode
Mode
Voice ADC
Bit clock frequency (BCKV)
Word select (WSV)
WSV-in
input: 32fs, 64fs, 128fs or 256fs
input
WSV-out
input: 32fs, 64fs, 128fs or 256fs
output


유사한 부품 번호 - UDA1384

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
UDA1380HN ICST-UDA1380HN Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
UDA1380TT ICST-UDA1380TT Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
More results

유사한 설명 - UDA1384

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UDA1338H PHILIPS-UDA1338H Datasheet
235Kb / 56P
   Multichannel audio coder-decoder
2002 Nov 21
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
logo
Micronas
VCU2133 MICRONAS-VCU2133 Datasheet
1Mb / 16P
   High-Speed coder/decoder IC
logo
Renesas Technology Corp
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
   AUDIO/VIDEO DECODER
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
   Audio Decoder LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com