전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UDA1384 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 UDA1384
상세설명  Multichannel audio coder-decoder
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1384 데이터시트(HTML) 1 Page - NXP Semiconductors

  UDA1384 Datasheet HTML 1Page - NXP Semiconductors UDA1384 Datasheet HTML 2Page - NXP Semiconductors UDA1384 Datasheet HTML 3Page - NXP Semiconductors UDA1384 Datasheet HTML 4Page - NXP Semiconductors UDA1384 Datasheet HTML 5Page - NXP Semiconductors UDA1384 Datasheet HTML 6Page - NXP Semiconductors UDA1384 Datasheet HTML 7Page - NXP Semiconductors UDA1384 Datasheet HTML 8Page - NXP Semiconductors UDA1384 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1.
General description
The UDA1384 is a single-chip consisting of 4 plus 1 Analog-to-Digital Converters (ADC)
and 6 Digital-to-Analog Converters (DAC) with signal processing features employing
bitstream conversion techniques. The multichannel configuration makes the device
eminently suitable for use in digital audio equipment which incorporates surround feature.
The UDA1384 supports conventional 2 channels per line data transfer conformable to the
I2S-bus format with word lengths of up to 24 bits, the MSB-justified format with word
lengths of up to 24 bits and the LSB-justified format with word lengths of 16 bits, 20 bits
and 24 bits, as well as 4 channels to 6 channels per line transfer mode. The device also
supports a combination of the MSB-justified output format and the LSB-justified input
format. The UDA1384 has special sound processing features in the Direct Stream Digital
(DSD) playback mode, de-emphasis, volume and mute which can be controlled via the
L3-bus or I2C-bus interface.
2.
Features
2.1 General
s 2.7 V to 3.6 V power supply
s 5 V tolerant digital inputs
s 24-bit data path
s Selectable control: via L3-bus or I2C-bus microcontroller interface
s Supports sample frequency ranges for:
x Audio ADC: fs = 16 kHz to 100 kHz
x Voice ADC: fs = 7 kHz to 50 kHz
x Audio DAC: fs = 16 kHz to 200 kHz
s Separate power control for ADC and DAC
s ADC plus integrated high-pass filter to cancel DC offset
s Integrated digital filter plus DAC
s Slave mode only applications
s Easy application
UDA1384
Multichannel audio coder-decoder
Rev. 02 — 17 January 2005
Product data sheet


유사한 부품 번호 - UDA1384

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
UDA1380HN ICST-UDA1380HN Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
UDA1380TT ICST-UDA1380TT Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
More results

유사한 설명 - UDA1384

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UDA1338H PHILIPS-UDA1338H Datasheet
235Kb / 56P
   Multichannel audio coder-decoder
2002 Nov 21
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
logo
Micronas
VCU2133 MICRONAS-VCU2133 Datasheet
1Mb / 16P
   High-Speed coder/decoder IC
logo
Renesas Technology Corp
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
   AUDIO/VIDEO DECODER
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
   Audio Decoder LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com