전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6526 데이터시트(PDF) 280 Page - Texas Instruments

Click here to check the latest version.
부품명 AM6526
상세설명  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 데이터시트(HTML) 280 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 276Page - Texas Instruments AM6526 Datasheet HTML 277Page - Texas Instruments AM6526 Datasheet HTML 278Page - Texas Instruments AM6526 Datasheet HTML 279Page - Texas Instruments AM6526 Datasheet HTML 280Page - Texas Instruments AM6526 Datasheet HTML 281Page - Texas Instruments AM6526 Datasheet HTML 282Page - Texas Instruments AM6526 Datasheet HTML 283Page - Texas Instruments AM6526 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 299 page
background image
280
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Operation flexibility:
–
Uniform programming model for SS, HS, FS, and LS operation
–
Multiple interrupt lines:
•
16 interrupts associated with 16 programmable Event Rings for multi-core support
•
Interrupt lines for all miscellaneous events
•
Functional safety:
–
Internal RAM with ECC
–
Loopback on USB3 PHY (SerDes)
•
External requirements:
–
An external charge pump or power switch for VBUS 5 V generation
–
An external circuitry or PMIC to start the battery charging upon Battery Charger (BC) detected
event
–
An external reference clock input for USB PHY operation
–
An external high-precision resistor for PHY termination calibration
The following are USB features which are not supported in current device:
•
OTG 3.0 functionality
•
HSIC (High Speed inter-chip) and SSIC interface
•
ULPI Interface for external PHY
•
SRP and ADP protocols
•
External Buffer Control (EBC) for OUT (Rx) Endpoint
•
Hibernation
For more information, see section Universal Serial Bus (USB) Subsystem in chapter Peripherals of the
device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More