전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1458541 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 1458541
상세설명  Valve connectors - SAC-3P-MS/B-1L-Z SCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1458541 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  1458541 Datasheet HTML 1Page - PHOENIX CONTACT 1458541 Datasheet HTML 2Page - PHOENIX CONTACT 1458541 Datasheet HTML 3Page - PHOENIX CONTACT 1458541 Datasheet HTML 4Page - PHOENIX CONTACT 1458541 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1458541
04.11.2013   Page 1 / 5
Valve connectors - SAC-3P-MS/B-1L-Z SCO - 1458541
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Valve connectors, 3-position, Plug straight M12, A-coded, on Valve connector B (10 mm), with 1 LED, connected
with Z diode
 
 
Key commercial data
Packing unit
1 1
Custom tariff number
85366990
Country of origin
Germany
Technical data
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (valve plug)
Degree of protection
IP65
IP67
General
Rated current at 40°C
4 A
Rated voltage
24 V AC/DC
Number of positions
3
Contact resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Coding
A - standard
Standards/regulations
M12 connector IEC 61076-2-101
Valve connector EN 175301-803
Status display
Yellow LED
Protective circuit/component
Z diode
Surge voltage category
II
Pollution degree
3


유사한 부품 번호 - 1458541

제조업체부품명데이터시트상세설명
logo
Evolt
14585 EKTOR-14585 Datasheet
118Kb / 2P
PLANAR PRO
3rd of February 2025 05:02:39
logo
TE Connectivity Ltd
1458504 TEC-1458504 Datasheet
114Kb / 1P
EXTRACTION TOOL
logo
PHOENIX CONTACT
1458509 PHOENIX-1458509 Datasheet
107Kb / 7P
Double valve connector adapter - SAC-MR/0,15-116/2XBI-1L-ZSCO
1458512 PHOENIX-1458512 Datasheet
107Kb / 7P
Double valve connector adapter - SAC-MR/0,2-116/2XBI-1L-ZSCO
1458525 PHOENIX-1458525 Datasheet
66Kb / 5P
Valve connectors - SAC-3P-MS/A-1L-Z SCO
More results

유사한 설명 - 1458541

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1409724 PHOENIX-1409724 Datasheet
86Kb / 4P
Valve connectors - SAC-3P-MR/BI-1L-Z SCO 180
1435289 PHOENIX-1435289 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/B-1L-Z SCO
1435302 PHOENIX-1435302 Datasheet
116Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/B-1L-Z SCO
1435315 PHOENIX-1435315 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/B-1L-Z SCO
1458525 PHOENIX-1458525 Datasheet
66Kb / 5P
Valve connectors - SAC-3P-MS/A-1L-Z SCO
1458538 PHOENIX-1458538 Datasheet
85Kb / 3P
Valve connectors - SAC-3P-MR/A-1L-Z SCO
1458554 PHOENIX-1458554 Datasheet
65Kb / 5P
Valve connectors - SAC-3P-MR/B-1L-Z SCO
1458567 PHOENIX-1458567 Datasheet
83Kb / 4P
Valve connectors - SAC-3P-MS/BI-1L-Z SCO
1458570 PHOENIX-1458570 Datasheet
87Kb / 4P
Valve connectors - SAC-3P-MR/BI-1L-Z SCO
1458583 PHOENIX-1458583 Datasheet
65Kb / 4P
Valve connectors - SAC-4P-MS/A-1L-Z D SCO
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com